Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2646 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2646
Description  Dual octal bus transceiver/registers 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2646 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2646 Datasheet HTML 1Page - NXP Semiconductors MB2646 Datasheet HTML 2Page - NXP Semiconductors MB2646 Datasheet HTML 3Page - NXP Semiconductors MB2646 Datasheet HTML 4Page - NXP Semiconductors MB2646 Datasheet HTML 5Page - NXP Semiconductors MB2646 Datasheet HTML 6Page - NXP Semiconductors MB2646 Datasheet HTML 7Page - NXP Semiconductors MB2646 Datasheet HTML 8Page - NXP Semiconductors MB2646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors Products
Product specification
MB2646
Dual octal bus transceiver/registers (3-State)
August 23, 1993
2
DESCRIPTION (continued)
The select (nSAB, nSBA) pins determine
whether data is stored or transferred through
the device in real-time. The nDIR determines
which bus will receive data when the nOE is
active Low. In the isolation mode (nOE =
High), data from Bus A may be stored in the
B register and/or data from Bus B may be
stored in the A register. When an output
function is disabled, the input function is still
enabled and may be used to store and
transmit data. Only one of the two buses, A
or B may be driven at a time.
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
48, 45, 19, 22
1CPAB, 1CPBA, 2CPAB, 2CPBA
Clock input A to B / Clock input B to A
49, 44, 18, 23
1SAB, 1SBA, 2SAB, 2SBA
Select input A to B / Select input B to A
47, 20
1DIR, 2DIR
Direction control inputs
50, 51, 1, 2, 3, 5, 6, 7,
8, 9, 10, 11, 12, 13, 15, 16
1A0 – 1A7,
2A0 – 2A7
Data inputs/outputs (A side)
42, 41, 39, 38, 37, 36, 35, 34,
33, 32, 31, 29, 28, 27, 25, 24
1B0 – 1B7,
2B0 – 2B7
Data inputs/outputs (B side)
46, 21
1OE, 2OE
Output enable inputs
4, 17, 30, 43
GND
Ground (0V)
14, 26, 40, 52
VCC
Positive supply voltage
LOGIC SYMBOL (IEEE/IEC)
50
41
39
38
37
36
35
34
46
47
44
49
45
48
51
1
2
3
5
6
7
42
8
32
31
29
28
27
25
24
21
20
23
18
22
19
9
10
11
12
13
15
16
33
≥1
∇1
G3
3EN1 [BA]
3EN2 [AB]
G6
G7
C4
C5
5D
7
1
7
6
4D
6 1
≥1
2
∇
≥1
∇1
G3
3EN1 [BA]
3EN2 [AB]
G6
G7
C4
C5
5D
7
1
7
6
4D
6 1
≥1
2
∇



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com