Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP175 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TMP175 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TMP175
Download  TMP175 Download
File Size   874.61 Kbytes
Page   18 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface

TMP175 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP175 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP175
Download  TMP175 Click to download

File Size   874.61 Kbytes
Page   18 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface

TMP175 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TMP175 Product details

Features
Operating temperature range:-55°C ~ +128°C
Temperature accuracy: ± 0.5° C (-40°C ~ +125°C)
Supply voltage range: 1.4V ~ 5.5V
Low quiescent current:
Temperature conversion: 40μA
Shutdown mode: 0.3μA
Resolution: 9~12 bits (user defined)
Digital output:
SMBus TM, I2C interface compatibility

Applications
Power-supply temperature monitoring
Computer peripheral thermal protection
Laptop computers
Cell phones
Battery management
Office machines
Thermostat controls
Electro mechanical device temperature

Description
The TMP175 is a high-accuracy, low-power,
NTC / PTC thermistor replacement digital temperature
sensor for temperature measurement in communications,
computer,consumer,environmental, industrial,
and instrumentation applications.The TMP175 provides
≤ ±0.5°C temperature accuracy over the normal
operating range of -40°C to +125°C with good
temperature linearity.
The rated operating voltage range of the TMP175
is 1.4V ~ 5.5V, and the quiescent current in
actual temperature conversion is less than 40μA. The
on-chip analog-to-digital converter (ADC) provides a
temperature resolution of 0.0625°C.
The TMP175 is available in an LM75-compatible
8-Pin MSOP / SOP package that supports SMBus and
I2C interfaces. Up to 27 TMP175 device addresses or 8
TMP175 device addresses can be mounted on one
bus. The TMP175 provides SMBus Alert function.




Similar Part No. - TMP175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI-TMP175 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP175 TI1-TMP175 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP175 TI-TMP175 Datasheet
755Kb / 33P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
NOVEMBER 2015
More results


Similar Description - TMP175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
logo
Silicon Laboratories
SI7006-A20-IMR SILABS-SI7006-A20-IMR Datasheet
1Mb / 35P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
logo
Guangdong Youtai Semico...
TMP75 UMW-TMP75 Datasheet
724Kb / 15P
1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com