Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP75 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TMP75 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TMP75
Download  TMP75 Download
File Size   724.14 Kbytes
Page   15 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function

TMP75 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP75 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP75
Download  TMP75 Click to download

File Size   724.14 Kbytes
Page   15 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function

TMP75 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TMP75 Product details

Description
The TMP75 is a fully integrated digital temperature
sensor that can work at low voltage (1.8V) and is fully
pin and register compatible with NCT75 and ADT75.
The TMP75 has a ±1°C accuracy over the operating
temperature range. The on-chip 12-bit analog-to-digital
converter (ADC) provides a temperature resolution of
0.0625°C.
The TMP75 supports up to 8 devices address and
provides an over-temperature alarm function. Based on
programmable upper and lower temperature limits and
an ALERT pin, the TMP75 can be used as a thermostat
or an over-temperature alarm.
The TMP75 has been precisely calibrated at the
factory, and the user does not need to perform any
additional processing on the temperature output.

Features
Low-voltage alternative to the TMP75AIDR and
TMP75AIDGKR

Operating temperature range : - 55°C ~ +125°C
Temperature accuracy : £0.5°C (0°C ~ +70°C)
Supply voltage range : 1.4V ~ 5.5V

Low quiescent current :

- Normal mode : 15yA (typ)

- Shutdown mode : 1pA (typ)

Resolution : 12-bits (0.0625C)

Digital Output : °C

Applications
Portable, battery-powered applications
Power-supply temperature monitoring
Computer peripheral thermal protection
Laptop computers
Battery management
Office machines.
Thermostat controls
Electro mechanical device temperature
General temperature measurement
- Industrial control
- test equipment
- Medical instruments




Similar Part No. - TMP75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP75 TI-TMP75 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
TMP75 TI-TMP75 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP75 TI1-TMP75 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75 TI1-TMP75 Datasheet
446Kb / 31P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
TMP75 TI-TMP75 Datasheet
755Kb / 33P
TMPx75-Q1 Automotive Grade Temperature Sensor With I2C and SMBus Interface in Industry-Standard LM75 Form Factor and Pinout
NOVEMBER 2015
More results


Similar Description - TMP75

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
2C Accurate Digital Temperature Sensor with SPI Interface
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
Digital Temperature Sensor with I2C Interface
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
2C Accurate, Micropower Digital Temperature Sensor
Rev. B
logo
Microchip Technology
TC72 MICROCHIP-TC72_11 Datasheet
605Kb / 28P
Digital Temperature Sensor with SPI Interface
05/02/11
logo
Silicon Laboratories
SI1141-A11-GM SILABS-SI1141-A11-GM Datasheet
1Mb / 77P
PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I 2C INTERFACE
Rev. 1.42 3/21
SI7006-A20-IMR SILABS-SI7006-A20-IMR Datasheet
1Mb / 35P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
logo
Vishay Siliconix
VCNL3020 VISHAY-VCNL3020_V02 Datasheet
187Kb / 13P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
20-Mar-18
VCNL3030X01 VISHAY-VCNL3030X01_V01 Datasheet
269Kb / 16P
Fully Integrated Proximity Sensor With Infrared Emitter, 2C Interface, and Interrupt Function
12-Aug-2020
logo
Guangdong Youtai Semico...
TMP175 UMW-TMP175 Datasheet
874Kb / 18P
Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com