Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1376640 Datasheet (PDF) - PHOENIX CONTACT

1376640 Datasheet PDF - PHOENIX CONTACT
Part # 1376640
Download  1376640 Download
File Size   384.24 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 4-FH-5,08-X - PCB connector

1376640 Datasheet (PDF)

Go To PDF Page Download Datasheet
1376640 Datasheet PDF - PHOENIX CONTACT

Part # 1376640
Download  1376640 Click to download

File Size   384.24 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 4-FH-5,08-X - PCB connector

1376640 Datasheet (HTML) - PHOENIX CONTACT


1376640 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact connection
type: Pin, number of rows: 1, number of positions: 4, product range: D32H 2,2/..-FH, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, pin layout:
Linear pinning, locking clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in
locking, mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1376640

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
13766 BELDEN-13766 Datasheet
381Kb / 2P
7/8" Power Single-Ended Cordset: Female, angled, 5-pin(4PE), orange body, 230 V AC/DC, 9 A; PVC orange cable, 0.50 mm²
logo
Festo Corporation.
1376604 FESTO-1376604 Datasheet
80Kb / 1P
Vacuum suction cup
6/7/22
logo
TE Connectivity Ltd
1376607-1 TEC-1376607-1 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
1376607-2 TEC-1376607-2 Datasheet
8Mb / 80P
MULTILOCK Connector System
4-2010.
logo
PHOENIX CONTACT
1376625 PHOENIX-1376625 Datasheet
700Kb / 12P
DD32PC 2,2/ 4-5,08-XX - PCB connector
More results


Similar Description - 1376640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1376535 PHOENIX-1376535 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-X - PCB header
1376548 PHOENIX-1376548 Datasheet
318Kb / 8P
D32H 2,2/ 6-V-5,08-X - PCB header
1376639 PHOENIX-1376639 Datasheet
384Kb / 11P
D32H 2,2/ 3-FH-5,08-X - PCB connector
1378296 PHOENIX-1378296 Datasheet
385Kb / 11P
D32H 2,2/ 2-FH-5,08-Y - PCB connector
1376542 PHOENIX-1376542 Datasheet
317Kb / 8P
D32H 2,2/10-H-5,08-X - PCB header
1376634 PHOENIX-1376634 Datasheet
385Kb / 11P
D32H 2,2/ 2-FH-5,08-X - PCB connector
1378297 PHOENIX-1378297 Datasheet
384Kb / 11P
D32H 2,2/ 3-FH-5,08-Y - PCB connector
1376533 PHOENIX-1376533 Datasheet
322Kb / 8P
D32H 2,2/ 3-H-5,08-X - PCB header
1376546 PHOENIX-1376546 Datasheet
319Kb / 8P
D32H 2,2/ 4-V-5,08-X - PCB header
1378298 PHOENIX-1378298 Datasheet
384Kb / 11P
D32H 2,2/ 4-FH-5,08-Y - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com