Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1378298 Datasheet (PDF) - PHOENIX CONTACT

1378298 Datasheet PDF - PHOENIX CONTACT
Part # 1378298
Download  1378298 Download
File Size   384.04 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 4-FH-5,08-Y - PCB connector

1378298 Datasheet (PDF)

Go To PDF Page Download Datasheet
1378298 Datasheet PDF - PHOENIX CONTACT

Part # 1378298
Download  1378298 Click to download

File Size   384.04 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D32H 2,2/ 4-FH-5,08-Y - PCB connector

1378298 Datasheet (HTML) - PHOENIX CONTACT


1378298 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 320 V, contact connection
type: Pin, number of rows: 1, number of positions: 4, product range: D32H 2,2/..-FH, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking, mounting:
Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1378298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378290 PHOENIX-1378290 Datasheet
319Kb / 8P
D32H 2,2/ 4-V-5,08-Y - PCB header
1378291 PHOENIX-1378291 Datasheet
318Kb / 8P
D32H 2,2/ 5-V-5,08-Y - PCB header
1378292 PHOENIX-1378292 Datasheet
318Kb / 8P
D32H 2,2/ 6-V-5,08-Y - PCB header
1378293 PHOENIX-1378293 Datasheet
397Kb / 11P
D32H 2,2/ 2-PT-5,08-Y - Feed-through plug
1378294 PHOENIX-1378294 Datasheet
396Kb / 11P
D32H 2,2/ 3-PT-5,08-Y - Feed-through plug
More results


Similar Description - 1378298

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1378290 PHOENIX-1378290 Datasheet
319Kb / 8P
D32H 2,2/ 4-V-5,08-Y - PCB header
1378291 PHOENIX-1378291 Datasheet
318Kb / 8P
D32H 2,2/ 5-V-5,08-Y - PCB header
1376496 PHOENIX-1376496 Datasheet
322Kb / 8P
D32H 2,2/ 2-H-5,08-Y - PCB header
1376640 PHOENIX-1376640 Datasheet
384Kb / 11P
D32H 2,2/ 4-FH-5,08-X - PCB connector
1376639 PHOENIX-1376639 Datasheet
384Kb / 11P
D32H 2,2/ 3-FH-5,08-X - PCB connector
1378296 PHOENIX-1378296 Datasheet
385Kb / 11P
D32H 2,2/ 2-FH-5,08-Y - PCB connector
1376634 PHOENIX-1376634 Datasheet
385Kb / 11P
D32H 2,2/ 2-FH-5,08-X - PCB connector
1378297 PHOENIX-1378297 Datasheet
384Kb / 11P
D32H 2,2/ 3-FH-5,08-Y - PCB connector
1378282 PHOENIX-1378282 Datasheet
321Kb / 8P
D32H 2,2/ 4-H-5,08-Y - PCB header
1378287 PHOENIX-1378287 Datasheet
318Kb / 8P
D32H 2,2/ 3-V-5,08-Y - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com