Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812801 Datasheet (PDF) - PHOENIX CONTACT

1812801 Datasheet PDF - PHOENIX CONTACT
Part # 1812801
Download  1812801 Download
File Size   540.56 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5 HCV/ 7-ST-7,62-LR - PCB connector

1812801 Datasheet (PDF)

Go To PDF Page Download Datasheet
1812801 Datasheet PDF - PHOENIX CONTACT

Part # 1812801
Download  1812801 Click to download

File Size   540.56 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMSTB 2,5 HCV/ 7-ST-7,62-LR - PCB connector

1812801 Datasheet (HTML) - PHOENIX CONTACT


1812801 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of
potentials: 7, number of rows: 1, number of positions: 7, number of connections: 7, product
range: GMSTB 2,5 HCV/..-ST-LR, pitch: 7.62 mm, connection method: Screw connection with
tension sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip:
- Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: Snap-in locking, mounting:
Lock & Release ejector lever, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1812801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1812814 PHOENIX-1812814 Datasheet
159Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/ 8-ST-7,62-LR
09/12/2020
logo
OSA Opto Light GmbH
181282 OSA-181282 Datasheet
53Kb / 1P
AlInGaP / GaAs LED Chips
logo
PHOENIX CONTACT
1812827 PHOENIX-1812827 Datasheet
101Kb / 5P
Printed-circuit board connector - GMSTB 2,5 HCV/ 9-ST-7,62-LR
1812830 PHOENIX-1812830 Datasheet
160Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/10-ST-7,62-LR
1812843 PHOENIX-1812843 Datasheet
160Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/11-ST-7,62-LR
More results


Similar Description - 1812801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714346 PHOENIX-1714346 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
1714320 PHOENIX-1714320 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 7-ST-7,62
1812843 PHOENIX-1812843 Datasheet
160Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/11-ST-7,62-LR
1812856 PHOENIX-1812856 Datasheet
101Kb / 5P
Printed-circuit board connector - GMSTB 2,5 HCV/12-ST-7,62-LR
1812830 PHOENIX-1812830 Datasheet
160Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/10-ST-7,62-LR
1812791 PHOENIX-1812791 Datasheet
164Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/ 6-ST-7,62-LR
1812759 PHOENIX-1812759 Datasheet
165Kb / 10P
Printed-circuit board connector - GMSTB 2,5 HCV/ 2-ST-7,62-LR
1714294 PHOENIX-1714294 Datasheet
666Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 4-ST-7,62
Sep 8, 2022
1714304 PHOENIX-1714304 Datasheet
664Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62
Jan 10, 2023
1812788 PHOENIX-1812788 Datasheet
541Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62-LR
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com