Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1714294 Datasheet (PDF) - PHOENIX CONTACT

1714294 Datasheet PDF - PHOENIX CONTACT
Part # 1714294
Download  1714294 Download
File Size   666.35 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - GMSTB 2,5 HCV/ 4-ST-7,62

1714294 Datasheet (PDF)

Go To PDF Page Download Datasheet
1714294 Datasheet PDF - PHOENIX CONTACT

Part # 1714294
Download  1714294 Click to download

File Size   666.35 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - GMSTB 2,5 HCV/ 4-ST-7,62

1714294 Datasheet (HTML) - PHOENIX CONTACT


1714294 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A, rated
voltage (III/2): 1000 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 4, number of rows: 1, number of positions: 4, number of connections: 4, product
range: GMSTB 2,5 HCV/..-ST, pitch: 7.62 mm, connection method: Screw connection with
tension sleeve, screw head form: L Slotted, conductor/PCB connection direction: 0 °, locking clip:
- Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without, mounting: without,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1714294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714210 PHOENIX-1714210 Datasheet
858Kb / 12P
PCB header - CCA 2,5/10-G-5,08 P14THR
Jan 3, 2023
1714235 PHOENIX-1714235 Datasheet
169Kb / 10P
Printed-circuit board connector - DFMC 1,5/ 2-ST-3,5-LRBD:2-3
09/12/2020
1714243 PHOENIX-1714243 Datasheet
142Kb / 4P
MKDS 3/ 3 BK
1714252 PHOENIX-1714252 Datasheet
46Kb / 3P
Printed-circuit board connector - MVSTBR 2,5/ 3-STFEH-5,08 BK BD
1714271 PHOENIX-1714271 Datasheet
308Kb / 13P
Printed-circuit board connector - MSTBT 2,5/ 4-ST OG
More results


Similar Description - 1714294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714278 PHOENIX-1714278 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 2-ST-7,62
1714281 PHOENIX-1714281 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 3-ST-7,62
1714317 PHOENIX-1714317 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 6-ST-7,62
1714346 PHOENIX-1714346 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
1714320 PHOENIX-1714320 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 7-ST-7,62
1714333 PHOENIX-1714333 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/ 8-ST-7,62
1714375 PHOENIX-1714375 Datasheet
83Kb / 5P
Plug - GMSTB 2,5 HCV/12-ST-7,62
1714304 PHOENIX-1714304 Datasheet
664Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62
Jan 10, 2023
1812788 PHOENIX-1812788 Datasheet
541Kb / 15P
PCB connector - GMSTB 2,5 HCV/ 5-ST-7,62-LR
Jan 5, 2023
1812801 PHOENIX-1812801 Datasheet
540Kb / 15P
GMSTB 2,5 HCV/ 7-ST-7,62-LR - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com