Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

348033212 Datasheet (PDF) - Molex Electronics Ltd.

348033212 Datasheet PDF - Molex Electronics Ltd.
Part # 348033212
Download  348033212 Download
File Size   102.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Stac64 F-S 150mm 0.50sq.mm Lead BK Sn

348033212 Datasheet (PDF)

Go To PDF Page Download Datasheet
348033212 Datasheet PDF - Molex Electronics Ltd.

Part # 348033212
Download  348033212 Click to download

File Size   102.21 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Stac64 F-S 150mm 0.50sq.mm Lead BK Sn

348033212 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 348033212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
348033212 MOLEX-348033212 Datasheet
107Kb / 1P
Stac64 F-F 150mm 0.75sq.mm Lead BK Sn
2023/12/01
348033212 MOLEX-348033212 Datasheet
102Kb / 1P
Stac64 F-S 150mm 0.75sq.mm Lead BK Sn
2023/12/01
348033212 MOLEX-348033212 Datasheet
68Kb / 3P
Hand Crimp Tool for CTX64 Receptacle Terminal, 0.50, 0.75, 0.85mm² and 20 AWG
Jun 05, 2025
More results


Similar Description - 348033212

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196551112 MOLEX-2196551112 Datasheet
106Kb / 1P
Micro-One ISL F-S 150mm 24AWG Lead BK Sn
2022/01/11
2240871112 MOLEX-2240871112 Datasheet
107Kb / 1P
Mini-Fit Max F-F 150mm 2.0sq.mm Lead BK Sn
2023/03/16
2240881112 MOLEX-2240881112 Datasheet
102Kb / 1P
Mini-Fit Max F-S 150mm 2.0sq.mm Lead BK Sn
2023/03/16
2244511112 MOLEX-2244511112 Datasheet
107Kb / 1P
Stac64 F-F 150mm 0.75sq.mm Lead BK Sn
2023/12/01
2244521112 MOLEX-2244521112 Datasheet
102Kb / 1P
Stac64 F-S 150mm 0.75sq.mm Lead BK Sn
2023/12/01
2245401112 MOLEX-2245401112 Datasheet
70Kb / 1P
MX64 F-F 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245412112 MOLEX-2245412112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245642122 MOLEX-2245642122 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.83sq.mm Lead BK Au
2023/12/04
2245652112 MOLEX-2245652112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.52sq.mm Lead BK Sn
2023/12/04
2245662122 MOLEX-2245662122 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.52sq.mm Lead BK Au
2023/12/04
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com