Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2827 Datasheet (PDF) - NXP Semiconductors

MB2827 Datasheet PDF - NXP Semiconductors
Part # MB2827
Download  MB2827 Download
File Size   94.21 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 10-bit buffer/line driver; non-inverting 3-State

MB2827 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2827 Datasheet PDF - NXP Semiconductors

Part # MB2827
Download  MB2827 Click to download

File Size   94.21 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 10-bit buffer/line driver; non-inverting 3-State

MB2827 Datasheet (HTML) - NXP Semiconductors


MB2827 Product details

DESCRIPTION
The MB2827 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.
The MB2827 20-bit buffers provide high performance bus interface buffering for wide data/address paths or buses carrying parity. They have NOR Output Enables (nOE1, nOE2) for maximum control flexibility.

FEATURES
• Multiple VCC and GND pins minimize switching noise
• Live insertion/extraction permitted
• 3-State output buffers
• Power–up 3-State
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL
   STD 883 Method 3015 and 200 V per Machine Model




Similar Part No. - MB2827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2821BB PHILIPS-MB2821BB Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
MB2823BB PHILIPS-MB2823BB Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
More results


Similar Description - MB2827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74F827 NXP-74F827 Datasheet
88Kb / 13P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com