Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2821 Datasheet (PDF) - NXP Semiconductors

MB2821 Datasheet PDF - NXP Semiconductors
Part # MB2821
Download  MB2821 Download
File Size   112.5 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 10-bit D-type flip-flop; positive-edge trigger 3-State

MB2821 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB2821 Datasheet PDF - NXP Semiconductors

Part # MB2821
Download  MB2821 Click to download

File Size   112.5 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual 10-bit D-type flip-flop; positive-edge trigger 3-State

MB2821 Datasheet (HTML) - NXP Semiconductors


MB2821 Product details

DESCRIPTION
The MB2821 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive.

FEATURES
• 20-bit positive-edge triggered register
• Multiple VCC and GND pins minimize switching noise
• Live insertion/extraction permitted
• Power-up reset
• Power-up 3-State
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL
   STD 883 Method 3015 and 200V per Machine Model




Similar Part No. - MB2821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
MB2823BB PHILIPS-MB2823BB Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
MB2827 PHILIPS-MB2827 Datasheet
94Kb / 8P
Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
MB2827BB PHILIPS-MB2827BB Datasheet
94Kb / 8P
Dual 10-bit buffer/line driver; non-inverting 3-State
August 27, 1993
More results


Similar Description - MB2821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74HC173 PHILIPS-74HC173 Datasheet
69Kb / 10P
Quad D-type flip-flop; positive-edge trigger; 3-state
December 1990
74LV574 PHILIPS-74LV574 Datasheet
121Kb / 12P
Octal D-type flip-flop; positive edge-trigger 3-State
1998 Jun 10
MB2374 PHILIPS-MB2374 Datasheet
80Kb / 12P
Dual octal D-type flip-flop; positive-edge trigger (3-State)
August 23, 1993
74ALVC374 NXP-74ALVC374 Datasheet
98Kb / 17P
Octal D-type flip-flop; positive-edge trigger; 3-state
Rev. 02-17 October 2007
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74HC173D PHILIPS-74HC173D Datasheet
46Kb / 3P
Quad D-type flip-flop; positive-edge trigger; 3-state
logo
Nexperia B.V. All right...
74HCT374 NEXPERIA-74HCT374 Datasheet
259Kb / 15P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 5 - 7 September 2021
74HC574 NEXPERIA-74HC574 Datasheet
289Kb / 17P
Octal D-type flip-flop; positive edge-trigger; 3-state
Rev. 9 - 20 October 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com