Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2821 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MB2821
Description  Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2821 Datasheet(HTML) 5 Page - NXP Semiconductors

  MB2821 Datasheet HTML 1Page - NXP Semiconductors MB2821 Datasheet HTML 2Page - NXP Semiconductors MB2821 Datasheet HTML 3Page - NXP Semiconductors MB2821 Datasheet HTML 4Page - NXP Semiconductors MB2821 Datasheet HTML 5Page - NXP Semiconductors MB2821 Datasheet HTML 6Page - NXP Semiconductors MB2821 Datasheet HTML 7Page - NXP Semiconductors MB2821 Datasheet HTML 8Page - NXP Semiconductors MB2821 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2821
Dual 10-bit D-type flip-flop;
positive-edge trigger (3-State)
August 24, 1993
5
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
2
1.5
1.0
0.6
–0.2
1.5
1.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
2
1.0
1.0
0.3
–0.4
1.0
1.0
ns
tw(H)
tw(L)
nCP pulse width
High or Low
1
3.5
3.0
2.2
1.6
3.5
3.0
ns
AC WAVEFORMS
VM
VM
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCP
nQx
VM
nDx
VM
VM
VM
VM
VM
CP
Waveform 2. Data Setup and Hold Times
ts(H)
th(H)
ts(L)
th(L)
nOE
VM
tPZH
tPHZ
0V
VOH –0.3V
nQx
Waveform 3. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
nOE
tPZL
tPLZ
VOL +0.3V
nQx
Waveform 4. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
VM
VM
VM
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com