Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC145406 Datasheet (PDF) - NXP Semiconductors

MC145406 Datasheet PDF - NXP Semiconductors
Part # MC145406
Download  MC145406 Download
File Size   90.16 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description EIA-232-D/V.28 driver/receiver

MC145406 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145406 Datasheet PDF - NXP Semiconductors

Part # MC145406
Download  MC145406 Click to download

File Size   90.16 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description EIA-232-D/V.28 driver/receiver

MC145406 Datasheet (HTML) - NXP Semiconductors


MC145406 Product details

DESCRIPTION
The MC145406 is a silicon-gate CMOS IC that combines 3 drivers and 3 receivers to fulfill the electrical specifications of standards EIA-232-D and CCITT V.28. The drivers feature true TTL input compatibility, slew-rate limited output, 300Ω power-off source impedance, and output typically switching to within 25% of the supply rails. The receivers can handle up to +25V while presenting 3 to 7kΩ impedance. Hysteresis in the receiver aids reception of noisy signals. By combining both drivers and receivers in a single CMOS chip, the MC145406 provides efficient, low-power solutions for EIA-232-D and V.28 applications.
   
FEATURES
• Drivers
• +5 to +12V supply range
• 300Ω power-off source impedance
• Output current limiting
• TTL compatible
• Maximum slew rate = 30V/µs
• Receivers
• +25V input voltage range over the full supply range
• 3 to 7kΩ input impedance
• Hysteresis on input switchpoint
• General
• Very low supply currents for long battery life
• Operation is independent of power supply sequencing
   
APPLICATIONS
• Modem interface
• Voice/data telephone interface
• Lap-top computers
• UART interface
   




Similar Part No. - MC145406

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145406DW LANSDALE-MC145406DW Datasheet
759Kb / 10P
Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
MC145406DW LANSDALE-MC145406DW Datasheet
208Kb / 10P
Driver/Receiver EIA 232?밇 and CCITT V.28
MC145406P LANSDALE-MC145406P Datasheet
759Kb / 10P
Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
MC145406P LANSDALE-MC145406P Datasheet
208Kb / 10P
Driver/Receiver EIA 232?밇 and CCITT V.28
More results


Similar Description - MC145406

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Texas Instruments
SN75LBC187 TI1-SN75LBC187_08 Datasheet
349Kb / 12P
MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
Driver/Receiver EIA 232?밇 and CCITT V.28
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com