Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML145407 Datasheet (PDF) - LANSDALE Semiconductor Inc.

ML145407 Datasheet PDF - LANSDALE Semiconductor Inc.
Part # ML145407
Download  ML145407 Download
File Size   679.5 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28

ML145407 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML145407 Datasheet PDF - LANSDALE Semiconductor Inc.

Part # ML145407
Download  ML145407 Click to download

File Size   679.5 Kbytes
Page   8 Pages
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.
Description 5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28

ML145407 Datasheet (HTML) - LANSDALE Semiconductor Inc.


ML145407 Product details

The ML145407 is a silicon–gate CMOS IC that combines three drivers and three receivers to fulfill the electrical specifications of RS232 EIA–232–E and CCITT V.28 while operating from a single + 5V power supply. A voltage doubler and inverter convert the + 5V to ± 10 V. This is accomplished through an on–board 20 kHz oscillator and four inexpensive external electrolytic capacitors. The three drivers and three receivers of the ML145407 are virtually identical to those of the ML145406. Therefore, for applications requiring more than three drivers and/or three receivers, an ML145406 can be powered from an ML145407, since the ML145407 charge pumps have been designed to guarantee ± 5 V at the output of up to six drivers. Thus, the ML145407 provides a high–performance, low–power, stand–alone solution or, with the ML145406, a + 5 V only, high–performance two–chip solution. This device offers



the following performance features:

• Operating Temperature Range = TA –40° to +85°C



Drivers

• ± 7.5 V Output Swing

• 300Ω Power–Off Impedance

• Output Current Limiting

• TTL and CMOS Compatible Inputs

• Slew Rate Range Limited from 4 V/µs to 30 V/µs



Receivers

• + 25 V Input Range

• 3 to 7 kΩ Input Impedance

• 0.8 V Hysteresis for Enhanced Noise Immunity




Similar Part No. - ML145407

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145407 LANSDALE-ML145407 Datasheet
173Kb / 8P
5 Volt Only Driver
ML145407-6P LANSDALE-ML145407-6P Datasheet
173Kb / 8P
5 Volt Only Driver
ML145407RP LANSDALE-ML145407RP Datasheet
173Kb / 8P
5 Volt Only Driver
ML145407 LANSDALE-ML145407_08 Datasheet
173Kb / 8P
5 Volt Only Driver
More results


Similar Description - ML145407

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
EIA/TIA-232 5 Driver x 3 Receiver
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
5 VOLT ONLY DRIVER / RECEIVER
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
Driver/Receiver EIA 232?밇 and CCITT V.28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com