Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-150SXXXDDA Datasheet (PDF) - Inventronics Inc.

EUD-150SXXXDDA Datasheet PDF - Inventronics Inc.
Part # EUD-150SXXXDDA
Download  EUD-150SXXXDDA Download
File Size   1114.97 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Class II Programmable IP67 Driver

EUD-150SXXXDDA Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-150SXXXDDA Datasheet PDF - Inventronics Inc.

Part # EUD-150SXXXDDA
Download  EUD-150SXXXDDA Click to download

File Size   1114.97 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Class II Programmable IP67 Driver

EUD-150SXXXDDA Datasheet (HTML) - Inventronics Inc.


EUD-150SXXXDDA Product details

Features
Ultra High Efficiency (Up to 93.5%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/Timer Dimmable (3 Timer Modes)
Dim-to-Off with Standby Power ≤ 0.5 W
Output Lumen Compensation
Input Surge Protection: 10kV line-line
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Class II, Double Insulation
Suitable for Built-in Use
Description
The EUD-150SxxxDDA series is a 150W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for high bay, tunnel and roadway lights, it provides a dim-to-off
mode with low standby power. The high efficiency of these drivers and compact metal case enables them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection
is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUD-150SXXXDDA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUD-150SXXXDTA INVENTRONICS-EUD-150SXXXDTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUD-150SXXXDTABTA INVENTRONICS-EUD-150SXXXDTABTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUD-150SXXXDV INVENTRONICS-EUD-150SXXXDV Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. E
EUD-150SXXXDVA INVENTRONICS-EUD-150SXXXDVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
More results


Similar Description - EUD-150SXXXDDA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXDVABVA INVENTRONICS-EUD-150SXXXDVABVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUD-100SXXXDD INVENTRONICS-EUD-100SXXXDD Datasheet
1Mb / 11P
100W Class II Programmable IP67 Driver
Rev.C
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUD-150SXXXDV INVENTRONICS-EUD-150SXXXDV Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. E
EUD-200SXXXDD INVENTRONICS-EUD-200SXXXDD Datasheet
1Mb / 12P
200W Class II Programmable IP67 Driver
Rev. F
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
EBD-150SXXXDVA INVENTRONICS-EBD-150SXXXDVA Datasheet
561Kb / 11P
150W Programmable IP67 Driver
Rev. D
EUC-150SXXXDDA INVENTRONICS-EUC-150SXXXDDA Datasheet
289Kb / 8P
150W Class II Constant Current IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com