Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-200SXXXDD Datasheet (PDF) - Inventronics Inc.

EUD-200SXXXDD Datasheet PDF - Inventronics Inc.
Part # EUD-200SXXXDD
Download  EUD-200SXXXDD Download
File Size   1102.75 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Class II Programmable IP67 Driver

EUD-200SXXXDD Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-200SXXXDD Datasheet PDF - Inventronics Inc.

Part # EUD-200SXXXDD
Download  EUD-200SXXXDD Click to download

File Size   1102.75 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Class II Programmable IP67 Driver

EUD-200SXXXDD Datasheet (HTML) - Inventronics Inc.


EUD-200SXXXDD Product details

Features
 Ultra High Efficiency (Up to 93%)
 Full Power at Wide Output Current Range (Constant Power)
 0-10V/PWM/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 1W
 Output Lumen Compensation
 Input Surge Protection: DM 6kV
 All-Around Protection: OVP, SCP, OTP
 IP67
 Class II
 Suitable for Built-in Use
 5 Years Warranty
Description
The EUD-200SxxxDD series is a 200W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including high bay, high mast and
roadway, etc, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers and
compact metal case enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and
over temperature.




Similar Part No. - EUD-200SXXXDD

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-200SXXXDT-00A0 INVENTRONICS-EUD-200SXXXDT-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
EUD-200SXXXDTA INVENTRONICS-EUD-200SXXXDTA Datasheet
707Kb / 13P
200W Programmable IP67 Driver
Rev.D
EUD-200SXXXDTST-00A0 INVENTRONICS-EUD-200SXXXDTST-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
EUD-200SXXXDV INVENTRONICS-EUD-200SXXXDV Datasheet
1Mb / 12P
200W Programmable IP67 Driver
Rev. F
More results


Similar Description - EUD-200SXXXDD

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
EUD-150SXXXDDA INVENTRONICS-EUD-150SXXXDDA Datasheet
1Mb / 11P
150W Class II Programmable IP67 Driver
Rev.C
EUD-200SXXXDTA INVENTRONICS-EUD-200SXXXDTA Datasheet
707Kb / 13P
200W Programmable IP67 Driver
Rev.D
EUD-200SXXXDVA INVENTRONICS-EUD-200SXXXDVA Datasheet
757Kb / 12P
200W Programmable IP67 Driver
Rev. C
EUG-200SXXXDT INVENTRONICS-EUG-200SXXXDT Datasheet
895Kb / 14P
200W Programmable IP67 Driver
Rev. D
EUG-200SXXXDV INVENTRONICS-EUG-200SXXXDV Datasheet
860Kb / 13P
200W Programmable IP67 Driver
Rev. F
EUD-100SXXXDD INVENTRONICS-EUD-100SXXXDD Datasheet
1Mb / 11P
100W Class II Programmable IP67 Driver
Rev.C
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-200SXXXDV INVENTRONICS-EUD-200SXXXDV Datasheet
1Mb / 12P
200W Programmable IP67 Driver
Rev. F
EBD-200SXXXDV INVENTRONICS-EBD-200SXXXDV Datasheet
1Mb / 11P
200W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com