Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-200SXXXDT Datasheet (PDF) - Inventronics Inc.

EUD-200SXXXDT Datasheet PDF - Inventronics Inc.
Part # EUD-200SXXXDT
Download  EUD-200SXXXDT Download
File Size   1265.73 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver

EUD-200SXXXDT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-200SXXXDT Datasheet PDF - Inventronics Inc.

Part # EUD-200SXXXDT
Download  EUD-200SXXXDT Click to download

File Size   1265.73 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver

EUD-200SXXXDT Datasheet (HTML) - Inventronics Inc.


EUD-200SXXXDT Product details

Features
 Ultra High Efficiency (Up to 93.5%)
 Programmable Constant-Current Output
 0-10V/PWM/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 1 W
 Output Lumen Compensation
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: OVP,SCP, OTP
 IP67 and UL Dry / Damp / Wet Location
 SELV Output
 TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location

Description
The EUD-200SxxxDT series is a 200W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for high bay, high mast, arena and roadway lights, it provides a
dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal case enables
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation,
protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUD-200SXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXDT-00A0 INVENTRONICS-EUD-200SXXXDT-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
EUD-200SXXXDTA INVENTRONICS-EUD-200SXXXDTA Datasheet
707Kb / 13P
200W Programmable IP67 Driver
Rev.D
EUD-200SXXXDTST-00A0 INVENTRONICS-EUD-200SXXXDTST-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
More results


Similar Description - EUD-200SXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-200SXXXDTA INVENTRONICS-EUD-200SXXXDTA Datasheet
707Kb / 13P
200W Programmable IP67 Driver
Rev.D
EUD-200SXXXDVA INVENTRONICS-EUD-200SXXXDVA Datasheet
757Kb / 12P
200W Programmable IP67 Driver
Rev. C
EUG-200SXXXDT INVENTRONICS-EUG-200SXXXDT Datasheet
895Kb / 14P
200W Programmable IP67 Driver
Rev. D
EUG-200SXXXDV INVENTRONICS-EUG-200SXXXDV Datasheet
860Kb / 13P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXDV INVENTRONICS-EUD-200SXXXDV Datasheet
1Mb / 12P
200W Programmable IP67 Driver
Rev. F
EUD-200SXXXGT INVENTRONICS-EUD-200SXXXGT Datasheet
502Kb / 12P
200W Programmable IP67 Driver with DMX512
Rev. G
EBD-200SXXXDV INVENTRONICS-EBD-200SXXXDV Datasheet
1Mb / 11P
200W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com