Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-200SXXXBTA Datasheet (PDF) - Inventronics Inc.

EUD-200SXXXBTA Datasheet PDF - Inventronics Inc.
Part # EUD-200SXXXBTA
Download  EUD-200SXXXBTA Download
File Size   704.22 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver with DALI

EUD-200SXXXBTA Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-200SXXXBTA Datasheet PDF - Inventronics Inc.

Part # EUD-200SXXXBTA
Download  EUD-200SXXXBTA Click to download

File Size   704.22 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Programmable IP67 Driver with DALI

EUD-200SXXXBTA Datasheet (HTML) - Inventronics Inc.


EUD-200SXXXBTA Product details

Features

Ultra High Efficiency (Up to 94.5%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
DALI/3-Timer-Modes Dimmable
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
Output Lumen Compensation
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OVP, SCP, OTP
IP67 and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
7 Years Warranty

Description
The EUD-200SxxxBTA series is a 200W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including high bay, high mast,
arena and roadway, etc, it provides a dim-to-off mode with low standby power. The high efficiency of these
drivers and compact metal case enables them to run cooler, significantly improving reliability and extending
product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage,
short circuit, and over temperature.




Similar Part No. - EUD-200SXXXBTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXBT INVENTRONICS-EUD-200SXXXBT Datasheet
548Kb / 11P
200W Progr ammable IP67 Driver with DALI
Rev. I
More results


Similar Description - EUD-200SXXXBTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBTA INVENTRONICS-EUD-240SXXXBTA Datasheet
945Kb / 14P
240W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBT INVENTRONICS-EUD-200SXXXBT Datasheet
548Kb / 11P
200W Progr ammable IP67 Driver with DALI
Rev. I
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-200SXXXDT INVENTRONICS-EUD-200SXXXDT Datasheet
1Mb / 13P
200W Programmable IP67 Driver
Rev. J
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com