Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-240SXXXBTA Datasheet (PDF) - Inventronics Inc.

EUD-240SXXXBTA Datasheet PDF - Inventronics Inc.
Part # EUD-240SXXXBTA
Download  EUD-240SXXXBTA Download
File Size   945.36 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver with DALI

EUD-240SXXXBTA Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-240SXXXBTA Datasheet PDF - Inventronics Inc.

Part # EUD-240SXXXBTA
Download  EUD-240SXXXBTA Click to download

File Size   945.36 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver with DALI

EUD-240SXXXBTA Datasheet (HTML) - Inventronics Inc.


EUD-240SXXXBTA Product details

Features
Ultra High Efficiency (Up to 94%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
DALI/Timer Dimmable (3 Timer Modes)
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
Output Lumen Compensation
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
7 Years Warranty

Description
The EUD-240SxxxBTA series is a 240W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for many lighting applications including high bay, high mast,
sports and roadway, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers
and compact metal case enables them to run cooler, significantly improving reliability and extending product life.
To ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit,
and over temperature.




Similar Part No. - EUD-240SXXXBTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
More results


Similar Description - EUD-240SXXXBTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
240W Programmable IP67 Driver
Rev. G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com