Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-240SXXXBV Datasheet (PDF) - Inventronics Inc.

EUD-240SXXXBV Datasheet PDF - Inventronics Inc.
Part # EUD-240SXXXBV
Download  EUD-240SXXXBV Download
File Size   1263.59 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver with DALI

EUD-240SXXXBV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-240SXXXBV Datasheet PDF - Inventronics Inc.

Part # EUD-240SXXXBV
Download  EUD-240SXXXBV Click to download

File Size   1263.59 Kbytes
Page   12 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver with DALI

EUD-240SXXXBV Datasheet (HTML) - Inventronics Inc.


EUD-240SXXXBV Product details

Features
Ultra High Efficiency (Up to 93%)
Full Power at 70-100% Max Current (Constant Power)
DALI Dimmable and Dim-to-Off
Standby Power 1 W
Input Surge Protection: 4kV line-line, 6kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Suitable for Independent Use

Description
The EUD-240SxxxBV series is a 240W, constant-current, programmable LED driver that operates from 90-305Vac input with excellent power factor. Created for high bay, high mast, arena and roadway lights, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving reliability and extending product life.To ensure trouble-free operation,protection is provided against input surge, output over voltage, circuit, and over temperature.




Similar Part No. - EUD-240SXXXBV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
More results


Similar Description - EUD-240SXXXBV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBTA INVENTRONICS-EUD-240SXXXBTA Datasheet
945Kb / 14P
240W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
240W Programmable IP67 Driver
Rev. G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com