Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-150SXXXBV Datasheet (PDF) - Inventronics Inc.

EUD-150SXXXBV Datasheet PDF - Inventronics Inc.
Part # EUD-150SXXXBV
Download  EUD-150SXXXBV Download
File Size   479.16 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable IP67 Driver with DALI

EUD-150SXXXBV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-150SXXXBV Datasheet PDF - Inventronics Inc.

Part # EUD-150SXXXBV
Download  EUD-150SXXXBV Click to download

File Size   479.16 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Programmable IP67 Driver with DALI

EUD-150SXXXBV Datasheet (HTML) - Inventronics Inc.


EUD-150SXXXBV Product details

Features
High Efficiency (Up to 92%)
Full Power at 50-100% Max Current (Constant Power)
DALI Dimmable and Dim-to-Off
Standby Power 1 W
Input Surge Protection: 4kV line-line, 6kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Suitable for Independent Use


Description
The EUD-150SxxxBV series is a 150W, constant-current, programmable LED driver that operates from 90-
305 Vac input with excellent power factor. Created for high bay, tunnel and roadway lights, it provides a dimto-
off mode with low standby power. The high efficiency of these drivers and compact metal case enables
them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free
operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUD-150SXXXBV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXBVA INVENTRONICS-EUD-150SXXXBVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
More results


Similar Description - EUD-150SXXXBV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-200SXXXBTA INVENTRONICS-EUD-200SXXXBTA Datasheet
704Kb / 12P
200W Programmable IP67 Driver with DALI
Rev. C
EUD-200SXXXBVA INVENTRONICS-EUD-200SXXXBVA Datasheet
774Kb / 14P
200W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBTA INVENTRONICS-EUD-240SXXXBTA Datasheet
945Kb / 14P
240W Programmable IP67 Driver with DALI
Rev. D
EUD-240SXXXBVA INVENTRONICS-EUD-240SXXXBVA Datasheet
942Kb / 13P
240W Programmable IP67 Driver with DALI
Rev.D
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
EUD-240SXXXBT INVENTRONICS-EUD-240SXXXBT Datasheet
1Mb / 13P
240W Programmable IP67 Driver with DALI
Rev. G
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com