Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUG-240SXXXDV Datasheet (PDF) - Inventronics Inc.

EUG-240SXXXDV Datasheet PDF - Inventronics Inc.
Part # EUG-240SXXXDV
Download  EUG-240SXXXDV Download
File Size   846.71 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver

EUG-240SXXXDV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUG-240SXXXDV Datasheet PDF - Inventronics Inc.

Part # EUG-240SXXXDV
Download  EUG-240SXXXDV Click to download

File Size   846.71 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP67 Driver

EUG-240SXXXDV Datasheet (HTML) - Inventronics Inc.


EUG-240SXXXDV Product details

Features
Ultra High Efficiency (Up to 94%)
Full Power at Wide Output Current Range (Constant Power)
0-5V/0-10V/PWM/Timer Dimmable
Input Surge Protection: 6 kV line-line, 10 kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67)
SELV Output
Suitable for Independent Use
7 Years Warranty
Description
The EUG-240SxxxDV series is a 240W, constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. It is created for many lighting applications including high bay, high mast,
and roadway lights. The high efficiency of these drivers and compact metal case enables them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUG-240SXXXDV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUG-240SXXXDT INVENTRONICS-EUG-240SXXXDT Datasheet
997Kb / 15P
240W Programmable IP67 Driver
Rev. E
More results


Similar Description - EUG-240SXXXDV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDVA INVENTRONICS-EUD-240SXXXDVA Datasheet
848Kb / 13P
240W Programmable IP67 Driver
Rev.D
EUG-240SXXXDT INVENTRONICS-EUG-240SXXXDT Datasheet
997Kb / 15P
240W Programmable IP67 Driver
Rev. E
EUD-240SXXXBV INVENTRONICS-EUD-240SXXXBV Datasheet
1Mb / 12P
240W Programmable IP67 Driver with DALI
Rev.G
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
240W Programmable IP67 Driver
Rev. G
EUD-240SXXXDV INVENTRONICS-EUD-240SXXXDV Datasheet
1Mb / 13P
240W Programmable IP67 Driver
Rev. F
EBD-240SXXXDV INVENTRONICS-EBD-240SXXXDV Datasheet
1Mb / 11P
240W Programmable IP67 Driver
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com