Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUM-030S105DX Datasheet (PDF) - Inventronics Inc.

EUM-030S105DX Datasheet PDF - Inventronics Inc.
Part # EUM-030S105DX
Download  EUM-030S105DX Download
File Size   909.69 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 30W Progr ammable IP66/IP67 Driver

EUM-030S105DX Datasheet (PDF)

Go To PDF Page Download Datasheet
EUM-030S105DX Datasheet PDF - Inventronics Inc.

Part # EUM-030S105DX
Download  EUM-030S105DX Click to download

File Size   909.69 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 30W Progr ammable IP66/IP67 Driver

EUM-030S105DX Datasheet (HTML) - Inventronics Inc.


EUM-030S105DX Product details

Features
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 1-5V/1-10V/10V PWM/3-Timer-Modes Dimmable
Output Lumen Compensation
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, SCP, OTP
IP66 / IP67 and UL Dry / Damp / Wet Location
Only IP66 and UL Dry / Damp Location (DF models)
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
Suitable for Luminaires with Protection Class I
5 Years Warranty
Description
The EUM-030SxxxDx series is a 30W, constant-current, programmable and IP66/IP67 rated LED driver that
operates from 90-305Vac input with excellent power factor. It is created for many lighting applications including
low bay, tunnel and street, etc. The high efficiency of these drivers and compact metal case enables them to run
cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature.





Similar Part No. - EUM-030S105DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUM-030S105DE INVENTRONICS-EUM-030S105DE Datasheet
630Kb / 12P
30W Class II Programmable IP66/IP67 Driver
Rev. D
More results


Similar Description - EUM-030S105DX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-EBM-1K2SXXXDG INVENTRONICS-DS-EBM-1K2SXXXDG Datasheet
811Kb / 12P
1200W Programmable IP66/IP67 Driver
Rev.D
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUC-030SXXXDTM INVENTRONICS-EUC-030SXXXDTM Datasheet
821Kb / 9P
30W Constant Current IP66 Driver
Rev. A
EUD-150SXXXDTABTA INVENTRONICS-EUD-150SXXXDTABTA Datasheet
698Kb / 14P
150W Progr ammable IP67 Driver
Rev.B
EUM-030SXXXDE INVENTRONICS-EUM-030SXXXDE Datasheet
630Kb / 12P
30W Class II Programmable IP66/IP67 Driver
Rev. D
EUD-200SXXXBT INVENTRONICS-EUD-200SXXXBT Datasheet
548Kb / 11P
200W Progr ammable IP67 Driver with DALI
Rev. I
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com