Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019 Datasheet (PDF) - SMSC Corporation

COM20019 Datasheet PDF - SMSC Corporation
Part # COM20019
Download  COM20019 Download
File Size   454.64 Kbytes
Page   81 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM

COM20019 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM20019 Datasheet PDF - SMSC Corporation

Part # COM20019
Download  COM20019 Click to download

File Size   454.64 Kbytes
Page   81 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM

COM20019 Datasheet (HTML) - SMSC Corporation


COM20019 Product details

GENERAL DESCRIPTION
SMSCs COM20019 is a member of the family of Embedded ARCNET Controllers from Standard Microsystems Corporation. The device is a general purpose communications controller for networking microcontrollers and intelligent peripherals in industrial, automotive, and embedded control environments using an ARCNET protocol engine. The small 24 pin package, flexible microcontroller and media interfaces, eight- page message support, and extended temperature range of the COM20019 make it the only true network controller optimized for use in industrial, embedded, and automotive applications.

FEATURES
• New Features
    - Data Rates up to 312.5 Kbps
    - Programmable Reconfiguration Times
• 24 Pin DIP, 28 Pin PLCC, 48 Pin TQFP Packages
• Ideal for Industrial/Factory/Building Automation and Transportation Applications
• Deterministic, (ANSI 878.1), Token Passing ARCNET Protocol
• Minimal Microcontroller and Media Interface Logic Required
• Flexible Interface For Use With All Microcontrollers or Microprocessors
• Automatically Detects Type of Microcontroller Interface
• 2Kx8 On-Chip Dual Port RAM
• Command Chaining for Packet Queuing
• Sequential Access to Internal RAM
• Software Programmable Node ID
• Eight, 256 Byte Pages Allow Four Pages TX and RX Plus Scratch-Pad Memory
• Next ID Readable
• Internal Clock Scaler for Adjusting Network Speed
• Operating Temperature Range of -40oC to +85oC
• Self-Reconfiguration Protocol
• Supports up to 255 Nodes
• Supports Various Network Topologies (Star, Tree, Bus...)
• CMOS, Single +5V Supply
• Duplicate Node ID Detection
• Powerful Diagnostics
• Receive All Packets Mode
• Flexible Media Interface:
    - RS485 Differential Driver Interface For Low Cost, Low Power, High Reliability




Similar Part No. - COM20019

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I-DZD SMSC-COM20019I-DZD Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
More results


Similar Description - COM20019

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com