Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019 Datasheet(PDF) 9 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button COM20019 Datasheet HTML 5Page - SMSC Corporation COM20019 Datasheet HTML 6Page - SMSC Corporation COM20019 Datasheet HTML 7Page - SMSC Corporation COM20019 Datasheet HTML 8Page - SMSC Corporation COM20019 Datasheet HTML 9Page - SMSC Corporation COM20019 Datasheet HTML 10Page - SMSC Corporation COM20019 Datasheet HTML 11Page - SMSC Corporation COM20019 Datasheet HTML 12Page - SMSC Corporation COM20019 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
9
DISCONTINUED DATASHEET
PROTOCOL DESCRIPTION
NETWORK PROTOCOL
Communication on the network is based on a
token passing protocol.
Establishment of the
network configuration and management of the
network protocol are handled entirely by the
COM20019's internal microcoded sequencer. A
processor or intelligent peripheral transmits data
by simply loading a data packet and its destination
ID into the COM20019's internal RAM buffer, and
issuing a command to enable the transmitter.
When the COM20019 next receives the token, it
verifies that the receiving node is ready by first
transmitting
a
FREE
BUFFER
ENQUIRY
message.
If the receiving node transmits an
ACKnowledge message, the data packet is
transmitted followed by a 16-bit CRC.
If the
receiving node cannot accept the packet (typically
its receiver is inhibited), it transmits a Negative
AcKnowledge
message
and
the
transmitter
passes the token. Once it has been established
that the receiving node can accept the packet and
transmission is complete, the receiving node
verifies the packet.
If the
packet
is received
successfully,
the receiving node transmits an ACKnowledge
message
(or
nothing
if
it
is
not
received
successfully) allowing the transmitter to set the
appropriate status bits to indicate successful or
unsuccessful delivery of the packet. An interrupt
mask permits the COM20019 to generate an
interrupt to the processor when selected status
bits become true.
Figure 1 is a flow chart
illustrating
the
internal
operation
of
the
COM20019 connected to a 20 MHz crystal
oscillator.
DATA RATES
The COM20019 is capable of supporting data
rates from 156.25 Kbps to 312.5 Kbps. The
following protocol description assumes a 312.5
Kbps data rate. For slower data rates, an internal
clock divider scales down the clock frequency.
Thus all timeout values are scaled as shown in
the following table:
Example: IDLE LINE Timeout @ 312.5 Kbps =
656
s.
IDLE LINE Timeout for 156.2 Kbps is
656
s * 2 = 1.3 ms
INTERNAL CLOCK
FREQUENCY
CLOCK
PRESCALER
DATA RATE
TIMEOUT SCALING
FACTOR (MULTIPLY BY)
20 MHz
Div. by 64
Div. by 128
312.5 Kbps
156.25 Kbps
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com