Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019 Datasheet(PDF) 73 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button COM20019 Datasheet HTML 69Page - SMSC Corporation COM20019 Datasheet HTML 70Page - SMSC Corporation COM20019 Datasheet HTML 71Page - SMSC Corporation COM20019 Datasheet HTML 72Page - SMSC Corporation COM20019 Datasheet HTML 73Page - SMSC Corporation COM20019 Datasheet HTML 74Page - SMSC Corporation COM20019 Datasheet HTML 75Page - SMSC Corporation COM20019 Datasheet HTML 76Page - SMSC Corporation COM20019 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
73
DISCONTINUED DATASHEET
E1 E
Base
Plane
Seating
Plane
D
S
B1
e
B
A2
A
A1
L
Note: All dimensions are in inches.
A
e
C
B
e
DIM
A
A1
A2
B
B1
C
D
E
E1
e
eA
eB
L
S
24L
.090-.150
.020-.065
.145-.155
.016-.021
.060-.070
.010-.014
1.245-1.265
.590-.630
.530-.545
.100BSC
.600REF
.610-.670
.120-.140
.065-.085
FIGURE 22 - 24 PIN DIP PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com