Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051 Datasheet (PDF) - SMSC Corporation

COM20051 Datasheet PDF - SMSC Corporation
Part # COM20051
Download  COM20051 Download
File Size   269.4 Kbytes
Page   82 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated Microcontroller and ARCNET (ANSI 878.1) Interface

COM20051 Datasheet (PDF)

Go To PDF Page Download Datasheet
COM20051 Datasheet PDF - SMSC Corporation

Part # COM20051
Download  COM20051 Click to download

File Size   269.4 Kbytes
Page   82 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated Microcontroller and ARCNET (ANSI 878.1) Interface

COM20051 Datasheet (HTML) - SMSC Corporation


COM20051 Product details

GENERAL DESCRIPTION
The COM20051 is a low-cost, highly-integrated microcontroller incorporating a high-performance network controller based on the ARCNET Token Bus Standard (ANSI 878.1). The COM20051 is based around the popular Intel 8051 architecture. The device is implemented using a microcontroller core compatible with the Intel 80C32 ROMless version of the 8051 architecture. The COM20051 is ideal for distributed control networking applications such as those found in industrial/machine controls, building/factory automation, consumer products, instrumentation and automobiles.

FEATURES
• High Performance/Low Cost
• Microcontroller Based on Popular 8051 Architecture
• Intel 8051 Instruction Set Compatible
• Drop-In Replacement for 80C32 PLCC
• Network Supports up to 255 Nodes
• Powerful Network Diagnostics
• Maximum 507 Byte Packets
• Duplicate Node ID Detection
• Self-Configuring Network Protocol
• Retains all 8051 Peripherals Including Serial I/O and Two Timers
• Utilizes ARCNET Token Bus Network Engine
• Requires No Special Emulators
• 5 Mbps to 156 Kbps Network Data Rate
• Network Interface Supports RS-485, Twisted Pair, Coaxial, and Fiber Optic Interfaces
• Receive All Mode Allows Any Packet to Be Received




Similar Part No. - COM20051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051+ SMSC-COM20051+ Datasheet
348Kb / 92P
Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051ILJP SMSC-COM20051ILJP Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
More results


Similar Description - COM20051

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20022I-3.3V SMSC-COM20022I-3.3V Datasheet
474Kb / 73P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
COM200221 SMSC-COM200221 Datasheet
514Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com