Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20051+ Datasheet (PDF) - SMSC Corporation

COM20051+ Datasheet PDF - SMSC Corporation
Part # COM20051+
Download  COM20051+ Download
File Size   348.07 Kbytes
Page   92 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface

COM20051+ Datasheet (PDF)

Go To PDF Page Download Datasheet
COM20051+ Datasheet PDF - SMSC Corporation

Part # COM20051+
Download  COM20051+ Click to download

File Size   348.07 Kbytes
Page   92 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Integrated Microcontroller and Network Interface with Watchdog Timer and A/D Converter Interface

COM20051+ Datasheet (HTML) - SMSC Corporation


COM20051+ Product details

GENERAL DESCRIPTION
The COM20051+ is a low-cost, highly-integrated microcontroller incorporating a highperformance network controller based on the ARCNET Token Bus Standard (ANSI 878.1). The COM20051+ is based around the popular Intel 8051 architecture. The device is implemented using a microcontroller core similar to the Intel 80C32 ROMless version of the 8051 architecture. The COM20051+ is ideal for distributed control networking applications such as those found in industrial/machine controls, building/factory automation, consumer products, instrumentation, and automobiles.

FEATURES
• Low Cost
• Microcontroller Based on Popular 8051 Architecture
• Intel 8051 Code Compatible
• 68 Pin PLCC
• Network Supports up to 255 Nodes
• Powerful Network Diagnostics
• Maximum 512 Byte Packets
• Duplicate Node ID Detection
• Self-Configuring Network Protocol
• Retains all 8051 Peripherals Including Serial I/O and Two Timers
• Utilizes ARCNET® Token Bus Network Engine
• Requires No Special Emulators
• 5 Mbps to 156 Kbps Network Data Rate
• Network Interface Supports RS-485, Twisted Pair, Coaxial, and Fiber Optic Interfaces
• Receive All Mode Allows Any Packet to Be Received
• On-Board Programmable Watchdog Timer
• Analog Data Acquisition Port
   - Interfaces to Any A/D Converter up to 16 Bits Wide
   - Sampling Rates from 1 s to 100ms Possible
   - Decouples 80C32 from Repetitive Sampling Tasks




Similar Part No. - COM20051+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
SMSC Corporation
COM20051 SMSC-COM20051 Datasheet
269Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051ILJP SMSC-COM20051ILJP Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
More results


Similar Description - COM20051+

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1616C HOLTEK-HT1616C Datasheet
211Kb / 13P
Timer with Dialer Interface
September 13, 2001
logo
List of Unclassifed Man...
COM20051 ETC1-COM20051 Datasheet
271Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
Holtek Semiconductor In...
HT1612 HOLTEK-HT1612 Datasheet
627Kb / 14P
Timer with Dialer Interface
5th July 95
logo
SMSC Corporation
COM20051 SMSC-COM20051 Datasheet
269Kb / 82P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
COM20051I SMSC-COM20051I Datasheet
309Kb / 74P
Integrated Microcontroller and ARCNET (ANSI 878.1) Interface
logo
Rohm
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
Regulators with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
Regulator with Voltage Detector and Watchdog Timer
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
Regulator with Voltage Detector and Watchdog Timer
logo
Fortune Semiconductor C...
FS5908 FORTUNE-FS5908 Datasheet
417Kb / 22P
Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
logo
Maxim Integrated Produc...
MAX16152 MAXIM-MAX16152 Datasheet
405Kb / 20P
nanoPower Supervisor and Watchdog Timer
Rev 0; 4/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com