Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M700000001 Datasheet (PDF) - SPANSION

M700000001 Datasheet PDF - SPANSION
Part # M700000001
Download  M700000001 Download
File Size   2096.7 Kbytes
Page   128 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS

M700000001 Datasheet (PDF)

Go To PDF Page Download Datasheet
M700000001 Datasheet PDF - SPANSION

Part # M700000001
Download  M700000001 Click to download

File Size   2096.7 Kbytes
Page   128 Pages
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION
Description 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS

M700000001 Datasheet (HTML) - SPANSION


M700000001 Product details

GENERAL DESCRIPTION (PDL129)
The Am29PDL129H is a 128 Mbit, 3.0 volt-only Page Mode and Simultaneous Read/Write Flash memory device organized as 8 Mwords. The word-wide data (x16) appears on DQ15-DQ0. This device can be programmed in-system or in standard EPROM programmers. A 12.0 V VPP is not required for write or erase operations.
The device offers fast page access time of 25 and 30 ns, with corresponding random access times of 65 and 85 ns, respectively, allowing high speed microprocessors to operate without wait states. To eliminate bus contention the device has separate chip enable (CE#f1, CE#f2), write enable (WE#) and output enable (OE#) controls. Dual Chip Enables allow access to two 64 Mbit partitions of the 128 Mbit memory space.

DISTINCTIVE CHARACTERISTICS
MCP Features
■ Consists of Am29PDL127H/Am29PDL129H, 32 Mb pSRAM and two Am29LV640M.
■ Power supply voltage of 2.7 to 3.3 volt
■ High performance (XIP)
   — Access time as fast as 65 ns initial / 25 ns page
■ High performance (Data Storage)
   — Access time as fast as 110 ns initial / 30 ns page
■ Package
   — 93-Ball FBGA
■ Operating Temperature
   — –40°C to +85°C

Flash Memory Features (XIP)
AM29PDL127H/AM29PDL129H ARCHITECTURAL ADVANTAGES
■ 128 Mbit Page Mode device
   — Page size of 8 words: Fast page read access from random locations within the page
■ Dual Chip Enable inputs (PDL129 only)
   — Two CE# inputs control selection of each half of the memory space
■ Single power supply operation
   — Full Voltage range: 2.7 to 3.3 volt read, erase, and program operations for battery-powered applications
■ Simultaneous Read/Write Operation
   — Data can be continuously read from one bank while executing erase/program functions in another bank
   — Zero latency switching from write to read operations
■ FlexBank Architecture
   — 4 separate banks, with up to two simultaneous operations per device
PDL127:
   — Bank A: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
   — Bank B: 48 Mbit (32 Kw x 96)
   — Bank C: 48 Mbit (32 Kw x 96)
   — Bank D: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
PDL129:
   — Bank 1A: 48 Mbit (32 Kw x 96)
   — Bank 1B: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
   — Bank 2A: 16 Mbit (4 Kw x 8 and 32 Kw x 31)
   — Bank 2B: 48 Mbit (32 Kw x 96)
■ SecSiTM (Secured Silicon) Sector region
   — Up to 128 words accessible through a command sequence
   — Up to 64 factory-locked words
   — Up to 64 customer-lockable words
■ Both top and bottom boot blocks in one device
■ Manufactured on 0.13 µm process technology
■ 20-year data retention at 125°C
■ Minimum 1 million erase cycle guarantee per sector

PERFORMANCE CHARACTERISTICS
■ High Performance
   — Page access times as fast as 25 ns
   — Random access times as fast as 65 ns
■ Power consumption (typical values at 10 MHz)
   — 45 mA active read current
   — 25 mA program/erase current
   — 1 µA typical standby mode current

SOFTWARE FEATURES
■ Software command-set compatible with JEDEC 42.4 standard
   — Backward compatible with Am29F and Am29LV families
■ CFI (Common Flash Interface) complaint
   — Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices
■ Erase Suspend / Erase Resume
   — Suspends an erase operation to allow read or program operations in other sectors of same bank
■ Unlock Bypass Program command
   — Reduces overall programming time when issuing multiple program command sequences

HARDWARE FEATURES
■ Ready/Busy# pin (RY/BY#)
   — Provides a hardware method of detecting program or erase cycle completion
■ Hardware reset pin (RESET#)
   — Hardware method to reset the device to reading array data
■ WP#/ACC (Write Protect/Acceleration) input
   — At VIL, hardware level protection for the first and last two 4K word sectors.
   — At VIH, allows removal of sector protection
   — At VHH, provides accelerated programming in a factory setting
(Continue ...)




Similar Part No. - M700000001

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
M700 SENSATA-M700 Datasheet
908Kb / 4P
DC PUMP MOTOR CONTROLLER
logo
WILLAS ELECTRONIC CORP
M7002NND03 WILLAS-M7002NND03 Datasheet
325Kb / 2P
WBFBP-03B Plastic-Encapsulate MOSFETS
M7002TTD03 WILLAS-M7002TTD03 Datasheet
365Kb / 2P
WBFBP-03A Plastic-Encapsulate MOSFETS
logo
API Technologies Corp
M7003 APITECH-M7003 Datasheet
488Kb / 1P
Inside DC Block
logo
Pentair Equipment Prote...
M700500250GE HOFFMANPRODUCTS-M700500250GE Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
More results


Similar Description - M700000001

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29PLI60C AMD-AM29PLI60C Datasheet
987Kb / 44P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160C AMD-AM29PL160C_06 Datasheet
843Kb / 44P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM70PDL127CDH AMD-AM70PDL127CDH Datasheet
1Mb / 127P
2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com