Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M700000001 Datasheet(PDF) 10 Page - SPANSION

Part # M700000001
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M700000001 Datasheet(HTML) 10 Page - SPANSION

Back Button M700000001 Datasheet HTML 6Page - SPANSION M700000001 Datasheet HTML 7Page - SPANSION M700000001 Datasheet HTML 8Page - SPANSION M700000001 Datasheet HTML 9Page - SPANSION M700000001 Datasheet HTML 10Page - SPANSION M700000001 Datasheet HTML 11Page - SPANSION M700000001 Datasheet HTML 12Page - SPANSION M700000001 Datasheet HTML 13Page - SPANSION M700000001 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
8
Am70PDL127BDH/Am70PDL129BDH
November 25, 2003
AD VAN C E
INFORM ATION
PRODUCT SELECTOR GUIDE
MCP BLOCK DIAGRAM
Part Number
Am70PDL127BDH/Am70PDL129BDH
Speed
Option
Standard Voltage Range:
VCC = 2.7–3.3 V
Flash Memory (XIP)
Pseudo SRAM
Flash Memory
(Data Storage)
66
85
66
85
66
85
Max Access Time, ns
65
85
70
85
110
110
Page Access Time, ns
25
30
30
35
30
30
CE#f1 Access, ns
65
85
70
85
110
110
OE# Access, ns
25
30
25
30
30
30
VSS
VCCps
RESET#
WE#
OE#
CE1#ps
LB#s
UB#s
WP#/ACC
CE2ps
32 MBit
Pseudo
SRAM
32 MBit
Pseudo
SRAM
128 MBit
Flash Memory
(XIP)
Am29PDL127H/
Am29PDL129H
DQ15 to DQ0
DQ15 to DQ0
A20 to A0
(A22) A21 to A0
CE#f1
RY/BY#
A21 to A0
(A22 PDL127 only)
DQ15 to DQ0
CE#f2
(PDL129 only)
VSS
VCCf
RESET#ds
WP#/ACCds
CE#1ds
64 MBit
Flash Memory
(Data Storage)
Am29LV640MH
64 MBit
Flash Memory
(Data Storage)
Am29LV640MH
CE#2ds
VSS
VCCQds
VSS
VCCQds
RY/BY#ds
RY/BY#ds
DQ15 to DQ0
DQ15 to DQ0
A21 to A0
A21 to A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com