Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M700000001 Datasheet(PDF) 79 Page - SPANSION

Part # M700000001
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M700000001 Datasheet(HTML) 79 Page - SPANSION

Back Button M700000001 Datasheet HTML 75Page - SPANSION M700000001 Datasheet HTML 76Page - SPANSION M700000001 Datasheet HTML 77Page - SPANSION M700000001 Datasheet HTML 78Page - SPANSION M700000001 Datasheet HTML 79Page - SPANSION M700000001 Datasheet HTML 80Page - SPANSION M700000001 Datasheet HTML 81Page - SPANSION M700000001 Datasheet HTML 82Page - SPANSION M700000001 Datasheet HTML 83Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 128 page
background image
November 25, 2003
Am70PDL127BDH/Am70PDL129BDH
77
AD VAN C E
INFORM ATION
pSRAM DATA RETENTION
Notes:
1. CE#1ps
≥ V
CC – 0.2 V, CE2ps ≥ VCC – 0.2 V (CE#1ps controlled) or CE2ps ≤ 0.2 V (CE2ps controlled).
2. Typical values are not 100% tested.
pSRAM POWER ON AND DEEP POWER DOWN
Figure 28.
Deep Power-down Timing
Note: Data cannot be retained during deep power-down standby mode.
Figure 29.
Power-on Timing
Parameter
Symbol
Parameter Description
Test Setup
Min
Typ
Max
Unit
V
DR
V
CC for Data Retention
CE#1ps
≥ V
CC – 0.2 V (Note 1)
2.7
3.3
V
IDR
Data Retention Current
VCC = 3.0 V, CE#1ps ≥ VCC – 0.2 V
(Note 1)
1.0
(Note 2)
70
µA
t
CS
CE2ps Setup Time
0
ns
t
CH
CE2ps Hold Time
300
µs
t
DPD
CE2ps Pulse Width
10
ms
tCHC
CE2ps Hold from CE#f1
0
ns
t
CHP
CE2ps Hold from Power On
30
µs
CE#1ps
CE#2ps
tDPD
tCH
tCS
CE#1ps
VDD
CE#2ps
tCHC
tCHP
tCH
VDD min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com