Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV0914A Datasheet (PDF) - Xtaltq Technologies Co.,Ltd.

BV0914A Datasheet PDF - Xtaltq Technologies Co.,Ltd.
Part # BV0914A
Download  BV0914A Download
File Size   184.66 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package(9.2×14.2mm)

BV0914A Datasheet (PDF)

Go To PDF Page Download Datasheet
BV0914A Datasheet PDF - Xtaltq Technologies Co.,Ltd.

Part # BV0914A
Download  BV0914A Click to download

File Size   184.66 Kbytes
Page   2 Pages
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.
Description SMD Package(9.2×14.2mm)

BV0914A Datasheet (HTML) - Xtaltq Technologies Co.,Ltd.


BV0914A Product details

Features
SMD Package(9.2×14.2mm)
Ultra Stable
Low Phase Noise

Applications
Low jitter RF Communication
GNSS
Low phase noise signal source
Wireless Communication System




Similar Part No. - BV0914A

ManufacturerPart #DatasheetDescription
logo
Xtaltq Technologies Co....
BV0914B XTALTQ-BV0914B Datasheet
193Kb / 3P
SMD Package(9.2×14.2mm)
BV0914BH5I155E010N100 XTALTQ-BV0914BH5I155E010N100 Datasheet
193Kb / 3P
SMD Package(9.2×14.2mm)
More results


Similar Description - BV0914A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC56-21GWA KINGBRIGHT-SC56-21GWA Datasheet
186Kb / 4P
14.2mm (0.56INCH) SINGLE DIGIT
logo
Transcom, Inc.
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
9.2 - 10.2 GHz 26 dBm MMIC
TC1076 TRANSCOM-TC1076 Datasheet
100Kb / 3P
9.2 - 10.2 GHz 39 dBm MMIC
logo
Integrated Technology F...
250918B ITF-250918B Datasheet
186Kb / 2P
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2011. 06. 27
250919B ITF-250919B Datasheet
181Kb / 2P
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2011. 08. 25
250927B ITF-250927B Datasheet
168Kb / 2P
Typical 1dB bandwidth of 9.2 MHz
250962B ITF-250962B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 27
250963B ITF-250963B Datasheet
174Kb / 2P
Typical 1dB bandwidth of 9.2 MHz
Rev 1.0 2013. 03. 28
logo
Xtaltq Technologies Co....
BT0914A XTALTQ-BT0914A Datasheet
212Kb / 2P
SMD Package(9.2*14.2mm)
BV0914B XTALTQ-BV0914B Datasheet
193Kb / 3P
SMD Package(9.2×14.2mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com