Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1076 Datasheet (PDF) - Transcom, Inc.

TC1076 Datasheet PDF - Transcom, Inc.
Part # TC1076
Download  TC1076 Download
File Size   100.51 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 9.2 - 10.2 GHz 39 dBm MMIC

TC1076 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1076 Datasheet PDF - Transcom, Inc.

Part # TC1076
Download  TC1076 Click to download

File Size   100.51 Kbytes
Page   3 Pages
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.
Description 9.2 - 10.2 GHz 39 dBm MMIC

TC1076 Datasheet (HTML) - Transcom, Inc.




Similar Part No. - TC1076

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Microchip Technology
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1070 MICROCHIP-TC1070 Datasheet
650Kb / 20P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
logo
TelCom Semiconductor, I...
TC1070VCT TELCOM-TC1070VCT Datasheet
117Kb / 12P
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
logo
Microchip Technology
TC1070VCT MICROCHIP-TC1070VCT Datasheet
495Kb / 16P
50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
More results


Similar Description - TC1076

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA038P5-00 ALPHA-AA038P5-00 Datasheet
129Kb / 2P
37-39 GHz GaAs MMIC Power Amplifier
logo
Skyworks Solutions Inc.
AA038P1-00 SKYWORKS-AA038P1-00 Datasheet
76Kb / 2P
36-39 GHz GaAs MMIC Driver Amplifier
logo
Transcom, Inc.
TM053-059-09-39 TRANSCOM-TM053-059-09-39 Datasheet
27Kb / 1P
5.3 - 5.9 GHz 39 dBm Power Module
TM059-064-09-39 TRANSCOM-TM059-064-09-39 Datasheet
27Kb / 1P
5.9 - 6.4 GHz 39 dBm Power Module
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
9.2 - 10.2 GHz 26 dBm MMIC
TC1901 TRANSCOM-TC1901 Datasheet
110Kb / 3P
2 - 20 GHz 20 dBm MMIC
TC1953A TRANSCOM-TC1953A Datasheet
74Kb / 3P
13.75 - 14.5 GHz 21 dBm MMIC
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com