Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAOC-009871 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAOC-009871 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAOC-009871
Download  MAOC-009871 Download
File Size   263.71 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output

MAOC-009871 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAOC-009871 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAOC-009871
Download  MAOC-009871 Click to download

File Size   263.71 Kbytes
Page   6 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output

MAOC-009871 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MAOC-009871

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
Voltage Controlled Oscillator
MAOC-009871-001SMB MA-COM-MAOC-009871-001SMB Datasheet
870Kb / 6P
Voltage Controlled Oscillator
MAOC-009871-TR0500 MA-COM-MAOC-009871-TR0500 Datasheet
870Kb / 6P
Voltage Controlled Oscillator
MAOC-009871-TR1000 MA-COM-MAOC-009871-TR1000 Datasheet
870Kb / 6P
Voltage Controlled Oscillator
MAOC-009871 MA-COM-MAOC-009871_13 Datasheet
870Kb / 6P
Voltage Controlled Oscillator
More results


Similar Description - MAOC-009871

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5029A NPC-CF5029A Datasheet
79Kb / 7P
Divide-by-512 Frequency Output, Crystal Oscillator Module IC
logo
Transcom, Inc.
TC1073 TRANSCOM-TC1073 Datasheet
73Kb / 3P
9.2 - 10.2 GHz 26 dBm MMIC
TC1076 TRANSCOM-TC1076 Datasheet
100Kb / 3P
9.2 - 10.2 GHz 39 dBm MMIC
logo
Hittite Microwave Corpo...
HMC734LP5 HITTITE-HMC734LP5 Datasheet
262Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
logo
M/A-COM Technology Solu...
MAOC-009266-PKG003 MA-COM-MAOC-009266-PKG003 Datasheet
149Kb / 5P
Voltage Controlled Oscillator 10.2 - 11.3 GHz
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
HMC734LP5 HITTITE-HMC734LP5_10 Datasheet
447Kb / 6P
MMIC VCO w/ DIVIDE-BY-4 8.6 - 10.2 GHz
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Analog Devices
HMC859LC3 AD-HMC859LC3 Datasheet
429Kb / 8P
26 GHz, DIVIDE-BY-8 WITH RESET & PROGRAMMABLE OUTPUT VOLTAGE
logo
Transko Electronics, In...
TVCO-A TRANSKO-TVCO-A Datasheet
270Kb / 1P
SMD VOLTAGE CONTROLLED OSCILLATOR (10.2 X 7.2 X 2.8MM)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com