Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5029A Datasheet (PDF) - Nippon Precision Circuits Inc

CF5029A Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5029A
Download  CF5029A Download
File Size   79.22 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Divide-by-512 Frequency Output, Crystal Oscillator Module IC

CF5029A Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5029A Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5029A
Download  CF5029A Click to download

File Size   79.22 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Divide-by-512 Frequency Output, Crystal Oscillator Module IC

CF5029A Datasheet (HTML) - Nippon Precision Circuits Inc


CF5029A Product details

OVERVIEW

The CF5029A is crystal oscillator module IC with divide-by-512 frequency output. It employs a 16.777216MHz fundamental frequency crystal source oscillator to generate a 32.768kHz output crystal oscillator with excellent temperature characteristics.



FEATURES

■ 2.25 to 3.6V operating supply voltage range

■ 16.777216MHz reference source oscillator fre quency

■ Output frequency: oscillation frequency divided by 512

■ – 40 to 85°C operating temperature range

■ Oscillation capacitors CG, CD built-in

■ Standby function

   • High impedance in standby mode, oscillator stops

■ Power-saving pull-up resistor built-in

■ 2mA output drive capability (min. VDD = 2.25V)

■ CMOS output duty level (1/2VDD)

■ Molybdenum-gate CMOS process

■ Chip form (CF5029A)



APPLICATIONS

■ 32.768kHz output crystal oscillator modules



 




Similar Part No. - CF5029A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA NPC-CF5020ALA Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALA-2 NPC-CF5020ALA-2 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB NPC-CF5020ALB Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
CF5020ALB-2 NPC-CF5020ALB-2 Datasheet
100Kb / 12P
High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
More results


Similar Description - CF5029A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5624N NPC-SM5624N Datasheet
112Kb / 6P
Quartz Crystal Oscillator Module IC
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
2.5 GHz DIVIDE- BY- 512/256 PRESCALER
logo
Hittite Microwave Corpo...
HMC582LP5 HITTITE-HMC582LP5 Datasheet
322Kb / 8P
MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.1 - 12.4 GHz
logo
Nippon Precision Circui...
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
High-frequency Crystal Oscillator Module ICs
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
1.8V, High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6314 NJRC-NJU6314 Datasheet
108Kb / 6P
High Frequency-Stability Fundamental Quartz Crystal Oscillator IC
NJU6398 NJRC-NJU6398 Datasheet
112Kb / 7P
LVDS-output Quartz Crystal Oscillator IC
logo
M/A-COM Technology Solu...
MAOC-009871 MA-COM-MAOC-009871 Datasheet
263Kb / 6P
Voltage Controlled Oscillator 9.2 - 10.2 GHz Divide-by-Two Output
logo
Nippon Precision Circui...
5059H NPC-5059H Datasheet
558Kb / 11P
32kHz output Crystal Oscillator Module ICs
WF5091A NPC-WF5091A Datasheet
412Kb / 13P
32kHz output Crystal Oscillator IC with Frequency Adjustment Function
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com