Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-096SXXXST Datasheet (PDF) - Inventronics Inc.

EUV-096SXXXST Datasheet PDF - Inventronics Inc.
Part # EUV-096SXXXST
Download  EUV-096SXXXST Download
File Size   289.53 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 96W Constant Voltage IP67 Driver

EUV-096SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-096SXXXST Datasheet PDF - Inventronics Inc.

Part # EUV-096SXXXST
Download  EUV-096SXXXST Click to download

File Size   289.53 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 96W Constant Voltage IP67 Driver

EUV-096SXXXST Datasheet (HTML) - Inventronics Inc.


EUV-096SXXXST Product details

Features
Ultra High Efficiency (Up to 90%)
High Power Factor (0.99 Typical)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Round Protection: OVP, OCP, SCP, OTP
IP67 and UL Dry / Damp / Wet Location
SELV Output
5 Years Warranty

Description
The EUV-096SxxxST series is a 96W, constant-voltage IP67 LED driver that operates from 90-305 Vac input with
excellent power factor. It is created for many lighting applications including architectural, decorative and signage,
etc. The high efficiency of the driver and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
over current, output over voltage, short circuit, and over temperature.




Similar Part No. - EUV-096SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-052S024ST INVENTRONICS-EUV-052S024ST Datasheet
917Kb / 8P
52W Constant Voltage IP67 Driver
Rev. K
EUV-052S024SV INVENTRONICS-EUV-052S024SV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
EUV-052S036ST INVENTRONICS-EUV-052S036ST Datasheet
917Kb / 8P
52W Constant Voltage IP67 Driver
Rev. K
EUV-052S036SV INVENTRONICS-EUV-052S036SV Datasheet
940Kb / 8P
52W Constant Voltage IP67 Driver
Rev. L
EUV-052S048ST INVENTRONICS-EUV-052S048ST Datasheet
917Kb / 8P
52W Constant Voltage IP67 Driver
Rev. K
More results


Similar Description - EUV-096SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-EBV-250SXXXSV INVENTRONICS-DS-EBV-250SXXXSV Datasheet
613Kb / 10P
250W Constant Voltage IP67 Driver
Rev. C
DS-EBV-400SXXXSV INVENTRONICS-DS-EBV-400SXXXSV Datasheet
523Kb / 10P
400W Constant Voltage IP67 Driver
Rev. D
EUP-096SXXXSV INVENTRONICS-EUP-096SXXXSV Datasheet
1Mb / 12P
96W AOC IP67 Driver
Rev. D
EUD-096SXXXDTA INVENTRONICS-EUD-096SXXXDTA Datasheet
862Kb / 16P
96W Programmable IP67 Driver
Rev.D
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
EUG-096SXXXDT INVENTRONICS-EUG-096SXXXDT Datasheet
1Mb / 17P
96W Programmable IP67 Driver
Rev. G
EUG-096SXXXDV INVENTRONICS-EUG-096SXXXDV Datasheet
836Kb / 13P
96W Programmable IP67 Driver
Rev. F
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
EUC-096SXXXDV INVENTRONICS-EUC-096SXXXDV Datasheet
993Kb / 9P
96W Constant Current IP67 Driver
Rev. O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com