Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

124RPFE Datasheet (PDF) - Maxwell Technologies

124RPFE Datasheet PDF - Maxwell Technologies
Part # 124RPFE
Download  124RPFE Download
File Size   263.18 Kbytes
Page   12 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Low-Power Quad Operational Amplifier

124RPFE Datasheet (PDF)

Go To PDF Page Download Datasheet
124RPFE Datasheet PDF - Maxwell Technologies

Part # 124RPFE
Download  124RPFE Click to download

File Size   263.18 Kbytes
Page   12 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description Low-Power Quad Operational Amplifier

124RPFE Datasheet (HTML) - Maxwell Technologies


124RPFE Product details

DESCRIPTION:
Maxwell Technologies’s 124 independent, high gain, internally frequency compensated operational amplifiers feature a greater than 100 krad (Si) total dose tolerance, depending upon space mission. Using Maxwell’s radiation-hardened Rad-Pak® packaging technology, the 124 is designed specifically to operate from a single power supply over a wide range of voltages. The 124 also features operation from split power supplies, and the low power supply current drain is independent of the magnitude of the power supply voltage.
Maxwell Technologies patented RAD-PAK® packaging technology incorporates radiation shielding in the microcircuit package. It eliminates the need for box shielding while providing the required radiation shielding for a lifetime in orbit or space mission. In a GEO orbit, RAD-PAK provides greater than 100 krad (Si) radiation dose tolerance. This product is available with screening up to Class S.

FEATURES:
• RAD-PAK® technology-hardened against natural space radiation
• Total dose hardness:
   - > 100 krad (Si), depending upon space mission
• Excellent Single Event Effects:
• - SELTH LET = > 90 MeV/mg/cm2
• Package: -14 pin Rad-Pak® flat pack
• Internally frequency compensated for unity gain
• Large DC voltage gain
• Wide bandwidth (unity gain): 1 MHz
• Large output voltage swing 0V to V+ -1.5V
• Input common - mode voltage range includes ground
• Wide power supply range:
   - Single supply 3V to 32V
   - Dual supply ±1.5V to ±16V
• Very low current drain (essentially independent of supply voltage): 700 uA
• Low input biasing current: 45 nA
• Low input offset voltage and current: 2mV, 5nA
• Differential input voltage range equal to the power supply voltage




Similar Part No. - 124RPFE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
124 ETC2-124 Datasheet
203Kb / 1P
Precision Machined Metric Punches
logo
Littelfuse
124 LITTELFUSE-124 Datasheet
367Kb / 2P
High Current Cartridge Fuse Clips 124 Series > For For 10x38mm & 3AG/3AB Fuses
Revised: BA.08/24/21
logo
Alpha Wire
124 ALPHAWIRE-124 Datasheet
100Kb / 4P
Customer Specification
8/30/2022
124 ALPHAWIRE-124 Datasheet
99Kb / 4P
Customer SpecificationS
12/2/2022
logo
Littelfuse
124 LITTELFUSE-124 Datasheet
512Kb / 2P
High Current Cartridge Fuse Clips
08/09/22
More results


Similar Description - 124RPFE

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
LM2902H STMICROELECTRONICS-LM2902H Datasheet
62Kb / 2P
Low Power Quad Operational Amplifier
Jul-2005
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HD STMICROELECTRONICS-LM2902HD Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
logo
Texas Instruments
LM324-N-MIL TI1-LM324-N-MIL Datasheet
1Mb / 29P
Low-Power, Quad-Operational Amplifier
JUNE 2017
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com