Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2118T Datasheet (PDF) - Belden Inc.

2118T Datasheet PDF - Belden Inc.
Part # 2118T
Download  2118T Download
File Size   154.83 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, LSZH Jkt, 600V TC

2118T Datasheet (PDF)

Go To PDF Page Download Datasheet
2118T Datasheet PDF - Belden Inc.

Part # 2118T
Download  2118T Click to download

File Size   154.83 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, LSZH Jkt, 600V TC

2118T Datasheet (HTML) - Belden Inc.


2118T Product details

Product Description
Fieldbus, 1 Pair 18AWG (7x26) Tinned Copper, XLPO Insulation, Overall Beldfoil® Shield, LSZH Outer Jacket, 600V TC




Similar Part No. - 2118T

ManufacturerPart #DatasheetDescription
logo
Heyco.
2118 HEYCO-2118 Datasheet
105Kb / 1P
Universal Bushings
logo
Adafruit Industries
2118 ADAFRUIT-2118 Datasheet
488Kb / 2P
Carbide PCB Drill Bit ‐ 0.5mm
7-25-17
logo
RAF ELECTRONIC HARDWARE
2118-440-S RAF-2118-440-S Datasheet
91Kb / 1P
1/4 HEX FEMALE STANDOFFS
2118-832-AL RAF-2118-832-AL Datasheet
110Kb / 1P
1/4 HEX FEMALE STANDOFFS
logo
Bourns Electronic Solut...
2118-RC BOURNS-2118-RC Datasheet
111Kb / 1P
High Current Toroid Inductors
More results


Similar Description - 2118T

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2118A BELDEN-2118A Datasheet
255Kb / 3P
Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, TPE Jkt, 600V TC
772118T BELDEN-772118T Datasheet
438Kb / 1P
Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, LSZH Jkt, Brnz Brd Armor, LSZH Jkt, 600V TC
05-05-2023
2118Z BELDEN-2118Z Datasheet
165Kb / 3P
Fieldbus, 1 Pr #18 Str TC, XLPO Ins, OS, LSZH-TS Jkt, 600V TC
12-22-2023
2119T BELDEN-2119T Datasheet
153Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2119Z BELDEN-2119Z Datasheet
155Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2120T BELDEN-2120T Datasheet
155Kb / 1P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2120Z BELDEN-2120Z Datasheet
155Kb / 1P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2122T BELDEN-2122T Datasheet
154Kb / 1P
Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2122Z BELDEN-2122Z Datasheet
155Kb / 1P
Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2127Z BELDEN-2127Z Datasheet
159Kb / 1P
Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, LSZH-TS Jkt, 600V TC
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com