Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2119T Datasheet (PDF) - Belden Inc.

2119T Datasheet PDF - Belden Inc.
Part # 2119T
Download  2119T Download
File Size   153.41 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER

2119T Datasheet (PDF)

Go To PDF Page Download Datasheet
2119T Datasheet PDF - Belden Inc.

Part # 2119T
Download  2119T Click to download

File Size   153.41 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER

2119T Datasheet (HTML) - Belden Inc.


2119T Product details

Product Description
Fieldbus, 2 Pair 18AWG (7x26) Tinned Copper, XLPO Insulation, Individual & Overall Beldfoil® Shield, LSZH Outer Jacket, 600V TC-ER




Similar Part No. - 2119T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2119 ETC2-2119 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2119 ETC2-2119 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2119 HEYCO-2119 Datasheet
105Kb / 1P
Universal Bushings
logo
Keystone Electronics Co...
2119 KEYSTONE-2119 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Adafruit Industries
2119 ADAFRUIT-2119 Datasheet
179Kb / 2P
Carbide PCB Drill Bit - 0.7mm
6-22-17
More results


Similar Description - 2119T

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2119A BELDEN-2119A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2120A BELDEN-2120A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
772119T BELDEN-772119T Datasheet
439Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, Brnz Brd Armor, LSZH Jkt, 600V TC-ER
05-05-2023
2119Z BELDEN-2119Z Datasheet
155Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2120T BELDEN-2120T Datasheet
155Kb / 1P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2121T BELDEN-2121T Datasheet
155Kb / 1P
Fieldbus, 8 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2122T BELDEN-2122T Datasheet
154Kb / 1P
Fieldbus, 12 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2128T BELDEN-2128T Datasheet
159Kb / 1P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2128Z BELDEN-2128Z Datasheet
159Kb / 1P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC-ER
12-22-2023
2130T BELDEN-2130T Datasheet
159Kb / 1P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com