Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR200 Datasheet (PDF) - RFE international

MR200 Datasheet PDF - RFE international
Part # MR200
Download  MR200 Download
File Size   15823.81 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description FILM RESISTORS

MR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR200 Datasheet PDF - RFE international

Part # MR200
Download  MR200 Click to download

File Size   15823.81 Kbytes
Page   3 Pages
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international
Description FILM RESISTORS

MR200 Datasheet (HTML) - RFE international


MR200 Product details

FEATURES
Operating Temperature : -55C to +155C
Low T.C.R : 5ppm ~200ppm/C
High Precision Tolerance : 0.05% ~ 1%




Similar Part No. - MR200

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR2000 SHINDENGEN-MR2000 Datasheet
183Kb / 7P
Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
logo
Digitron Semiconductors
MR2000 DIGITRON-MR2000 Datasheet
288Kb / 4P
MEDIUM CURRENT SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
MR2000S NJSEMI-MR2000S Datasheet
85Kb / 1P
MEDIUM-CURRENT SILICON RECTIFIERS
logo
Digitron Semiconductors
MR2001 DIGITRON-MR2001 Datasheet
288Kb / 4P
MEDIUM CURRENT SILICON RECTIFIERS
logo
NXP Semiconductors
MR2001R NXP-MR2001R Datasheet
3Mb / 43P
76-77 GHz RF receiver front-end for W-band radar applications
Rev. 5.0, 9/2016
More results


Similar Description - MR200

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
Film Resistors
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
Film Resistors
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
Film Resistors
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
Film Resistors
RMF125 RIEDON-RMF125 Datasheet
524Kb / 2P
Film Resistors
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
Film Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com