Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30SPA0536 Datasheet (PDF) - Mimix Broadband

30SPA0536 Datasheet PDF - Mimix Broadband
Part # 30SPA0536
Download  30SPA0536 Download
File Size   295.68 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 27.0-33.0 GHz GaAs MMIC Power Amplifier

30SPA0536 Datasheet (PDF)

Go To PDF Page Download Datasheet
30SPA0536 Datasheet PDF - Mimix Broadband

Part # 30SPA0536
Download  30SPA0536 Click to download

File Size   295.68 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 27.0-33.0 GHz GaAs MMIC Power Amplifier

30SPA0536 Datasheet (HTML) - Mimix Broadband


30SPA0536 Product details

General Description
Mimix Broadbands three stage 27.0-33.0 GHz GaAs MMIC power amplifier has a small signal gain of 21.0 dB with +35 dBm saturated output power. The device also includes Lange couplers to achieve good input/output return loss. This MMIC uses Mimix Broadband’s 0.15 µm GaAs PHEMT device model technology, and is based upon electron beam lithography to ensure high repeatability and uniformity. The chip has surface passivation to protect and provide a rugged part with backside via holes and gold metallization to allow either a conductive epoxy or eutectic solder die attach process. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.

Features
◆ Ka-Band 4 W Power Amplifier
◆ Balanced Design Provides Good Input/Output Match
◆ 21.0 dB Small Signal Gain
◆ +35.0 dBm Saturated Output Power
◆ 100% On-Wafer RF, DC and Output Power Testing
◆ 100% Visual Inspection to MIL-STD-883 Method 2010




Similar Part No. - 30SPA0536

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
More results


Similar Description - 30SPA0536

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1003 MIMIX-XP1003 Datasheet
1Mb / 6P
27.0-35.0 GHz GaAs MMIC Power Amplifier
30SPA0553 MIMIX-30SPA0553 Datasheet
120Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
30SPA0557 MIMIX-30SPA0557 Datasheet
402Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD Datasheet
284Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1027-BD MIMIX-XP1027-BD Datasheet
236Kb / 5P
27.0-33.0 GHz GaAs MMIC Power Amplifier
XP1026-BD MIMIX-XP1026-BD_07 Datasheet
263Kb / 5P
27.0-32.0 GHz GaAs MMIC Power Amplifier
XP1003-BD MIMIX-XP1003-BD Datasheet
565Kb / 6P
27.0-35.0 GHz GaAs MMIC
XP1026-BD MIMIX-XP1026-BD_10 Datasheet
1Mb / 10P
27.0-32.0 GHz GaAs MMIC
XP1027-BD MIMIX-XP1027-BD_10 Datasheet
1Mb / 11P
27.0-31.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD Datasheet
554Kb / 6P
27.0-35.0 GHz GaAs MMIC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com