Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30SPA0536 Datasheet(PDF) 2 Page - Mimix Broadband

Part # 30SPA0536
Description  27.0-33.0 GHz GaAs MMIC Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

30SPA0536 Datasheet(HTML) 2 Page - Mimix Broadband

  30SPA0536 Datasheet HTML 1Page - Mimix Broadband 30SPA0536 Datasheet HTML 2Page - Mimix Broadband 30SPA0536 Datasheet HTML 3Page - Mimix Broadband 30SPA0536 Datasheet HTML 4Page - Mimix Broadband 30SPA0536 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
27.0-33.0 GHz GaAs MMIC
Power Amplifier
May 2005 - Rev 20-May-05
30SPA0536
Power Amplifier Measurements
Page 2 of 5
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©
2005 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
25
26
27
28
29
30
31
32
33
34
35
Frequency (GH z)
_0536: Sparams at Vd=5V, Vg=-0.7V
-32
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
26
_0536: Pout (dBm) vs. Freq (GHz)
Vds = 5.0 volts (red), 5.5 volts (green), 6.0 volts (blue).
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
25
26
27
28
29
30
31
32
33
34
35
Freq (GHz)
, Vd (V)=5, Pinr (dBm)=0, RC=R9C11
, Vd (V)=5, Pinr (dBm)=1, RC=R9C11
, Vd (V)=5, Pinr (dBm)=2, RC=R9C11
, Vd (V)=5, Pinr (dBm)=3, RC=R9C11
, Vd (V)=5, Pinr (dBm)=4, RC=R9C11
, Vd (V)=5, Pinr (dBm)=5, RC=R9C11
, Vd (V)=5, Pinr (dBm)=6, RC=R9C11
, Vd (V)=5, Pinr (dBm)=7, RC=R9C11
, Vd (V)=5, Pinr (dBm)=8, RC=R9C11
, Vd (V)=5, Pinr (dBm)=9, RC=R9C11
, Vd (V)=5, Pinr (dBm)=10, RC=R9C11
, Vd (V)=5, Pinr (dBm)=11, RC=R9C11
, Vd (V)=5, Pinr (dBm)=12, RC=R9C11
, Vd (V)=5, Pinr (dBm)=13, RC=R9C11
, Vd (V)=5, Pinr (dBm)=14, RC=R9C11
, Vd (V)=5, Pinr (dBm)=15, RC=R9C11
, Vd (V)=5, Pinr (dBm)=16, RC=R9C11
, Vd (V)=5, Pinr (dBm)=17, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=0, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=1, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=2, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=3, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=4, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=5, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=6, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=7, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=8, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=9, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=10, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=11, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=12, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=13, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=14, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=15, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=16, RC=R9C11
, Vd (V)=5.5, Pinr (dBm)=17, RC=R9C11
, Vd (V)=6, Pinr (dBm)=0, RC=R9C11
, Vd (V)=6, Pinr (dBm)=1, RC=R9C11
, Vd (V)=6, Pinr (dBm)=2, RC=R9C11
, Vd (V)=6, Pinr (dBm)=3, RC=R9C11
, Vd (V)=6, Pinr (dBm)=4, RC=R9C11
, Vd (V)=6, Pinr (dBm)=5, RC=R9C11
, Vd (V)=6, Pinr (dBm)=6, RC=R9C11
, Vd (V)=6, Pinr (dBm)=7, RC=R9C11
, Vd (V)=6, Pinr (dBm)=8, RC=R9C11
0
2
4
6
8
1012 14 16 18 20 22 24 26 2830 3234 36 38 40 42 444648 50
Frequency (GHz)
_0536: S12 at Vd=5V, Vg=-0.7V
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com