Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825 Datasheet (PDF) - Analog Devices

LTC7825 Datasheet PDF - Analog Devices
Part # LTC7825
Download  LTC7825 Download
File Size   1512.08 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections

LTC7825 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7825 Datasheet PDF - Analog Devices

Part # LTC7825
Download  LTC7825 Click to download

File Size   1512.08 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections

LTC7825 Datasheet (HTML) - Analog Devices


LTC7825 Product details

DESCRIPTION
The LTC®7825 is a fully integrated monolithic DC/DC converter.
It achieves very high efficiency with a switched
capacitor architecture in applications with 2:1 input to
output voltage ratio. The LTC7825 input can survive voltage
transient up to 40V when protected by an optional
MOSFET between VIN and VHIGH. The input and output
are fully disconnected during short-circuit conditions.
The LTC7825 features integrated bootstrap diodes and
provides a compact and cost-effective solution for high
power intermediate bus applications requiring current
limit protections.

FEATURES
n Wide VHIGH/VLOW Voltage from 0V/0V to 24V/12V
n Wide VCC Supply Range from 4.5V to 38V
n Very High Efficiency: 97% at 10A Load
n Input Overvoltage Protection with External
Overvoltage Protection MOSFET
n Input and Output Short-Circuit Protection
n Soft Start-Up into Steady-State Operation
n EXTVCC Capable of 5V to 14V Input for High Efficiency
n Inrush Current Limit and Protection
n Integrated Bootstrap Diodes
n Programmable Operating Frequency from
100kHz to 1.4MHz
n Available in a 4mm × 5mm LGA (LQFN) Package

APPLICATIONS
n Consumer Electronics
n Industrial Applications
n Battery Applications




Similar Part No. - LTC7825

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7825 AD-LTC7825 Datasheet
845Kb / 19P
Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
Rev. 0
More results


Similar Description - LTC7825

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Linear Technology
LTC3610 LINER-LTC3610 Datasheet
294Kb / 24P
24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
List of Unclassifed Man...
ZSPM4023-12 ETC2-ZSPM4023-12 Datasheet
329Kb / 3P
24V/12A Synchronous DC/DC Buck Regulator
logo
Linear Technology
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
logo
Murata Manufacturing Co...
MYMGK1R812 MURATA1-MYMGK1R812 Datasheet
2Mb / 24P
MonoBKTM, 12A DC-DC Converter
2019
logo
Renesas Technology Corp
ZSPM4023-12 RENESAS-ZSPM4023-12 Datasheet
1Mb / 39P
24V/12A Synchronous DC/DC Buck Regulator
January 27, 2016
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com