Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV303 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

FDV303 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # FDV303
Download  FDV303 Download
File Size   387.11 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 25 V (D-S) MOSFET

FDV303 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDV303 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDV303
Download  FDV303 Click to download

File Size   387.11 Kbytes
Page   5 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description N-Channel 25 V (D-S) MOSFET

FDV303 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


FDV303 Product details

Features
Very low level gate drive requirements allowing direct
operation in 3V circuits. VGS(th) < 1V.
Gate-Source Zener for ESD ruggedness.>6kV
Human Body Model
Compact industry standard SOT-23 surface mount package.
VDS (V) = 25V
ID= 2A
RDS(ON) < 28m (VGS = 4.5V)
RDS(ON) < 42m (VGS = 2.7V)




Similar Part No. - FDV303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV303 FAIRCHILD-FDV303 Datasheet
65Kb / 4P
Digital FET, N-Channel
logo
EVER SEMICONDUCTOR CO.,...
FDV303 EVVOSEMI-FDV303 Datasheet
294Kb / 5P
N-Channel 25 V (D-S) MOSFET
Rev:2023A2
logo
Fairchild Semiconductor
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
Digital FET, N-Channel
logo
Guangdong Kexin Industr...
FDV303N KEXIN-FDV303N Datasheet
1Mb / 4P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDV303N EVVOSEMI-FDV303N Datasheet
294Kb / 5P
N-Channel 25 V (D-S) MOSFET
Rev:2023A2
More results


Similar Description - FDV303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com