Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV303 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FDV303 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FDV303
Download  FDV303 Download
File Size   294.27 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel 25 V (D-S) MOSFET

FDV303 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDV303 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV303
Download  FDV303 Click to download

File Size   294.27 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description N-Channel 25 V (D-S) MOSFET

FDV303 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FDV303 Product details

General Description
This very high density process is tailored to minimize on-state
resistance at low gate drive conditions. This device is designed
especially for application in battery circuits using either one
lithium or three cadmium or NMH cells. It can be used as an inverter
or for high-efficiency miniature discrete DC/DC
conversion in compact portable electronic devices like cellular
phones and pagers. This device has excellent on-state
resistance even at gate drive voltages as low as 2.5 volts.

Features
VDS (V) = 25V
ID= 2A
RDS(ON)< 28mΩ (VGS = 4.5V)
RDS(ON)< 42mΩ (VGS= 2.7V)
Very low level gate drive requirements allowing direct
operation in 3V circuits. VGS(th) < 1V.
Gate-Source Zener for ESD ruggedness.>6kV
Human Body Model
Compact industry standard SOT-23 surface mount package.




Similar Part No. - FDV303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV303 FAIRCHILD-FDV303 Datasheet
65Kb / 4P
Digital FET, N-Channel
logo
Guangdong Youtai Semico...
FDV303 UMW-FDV303 Datasheet
387Kb / 5P
N-Channel 25 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
Digital FET, N-Channel
logo
Guangdong Kexin Industr...
FDV303N KEXIN-FDV303N Datasheet
1Mb / 4P
N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDV303N UMW-FDV303N Datasheet
387Kb / 5P
N-Channel 25 V (D-S) MOSFET
More results


Similar Description - FDV303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com