Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV303 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV303
Description  N-Channel 25 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV303 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV303 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0
0.4
0.8
1.2
1.6
2
0
1
2
3
4
5
Q
, GATE CHARGE (nC)
g
I = 0.5A
D
10V
15V
V
= 5V
DS
0.1
0.2
0.5
1
2
5
10
20
40
0.01
0.03
0.1
0.3
1
3
5
V
, DRAI N-SOURCE VOLTAGE (V)
V
= 4.5V
SINGLE PULSE
R
=357°C/W
T = 25°C
GS
θJA
DS
DC
1s
10ms
100ms
10s
RDS(ON)
LIMIT
A
1ms
0.001
0.01
0.1
1
10
100
300
0
1
2
3
4
5
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=357° C/W
T = 25°C
θJA
A
Figure 10. Single Pulse Maximum Power
Dissipation.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
= 357 °C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Figure 11. Transient Thermal Response Curve.
0.1
0.5
1
2
5
10
25
5
10
20
50
100
150
V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0V
GS
Coss
Crss
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical And Thermal Characteristics
Rev:2023A2
4
N-Channel 25 V (D-S) MOSFET
FDV303



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com