Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV303 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDV303
Description  N-Channel 25 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDV303 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDV303 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDV303 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Absolute Maximum Ratings T
A = 25
oC unless other wise noted
Symbol
FDV303
Parameter
N
Units
V
DSS
Drain-Source Voltage, Power Supply Voltage
25
V
V
GSS
Gate-Source Voltage, V
IN
8
V
I
D
Drain/Output Current
0.68
- Continuous
A
- Pulsed
2
Maximum
P
D
Power Dissipation
0.35
W
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D
Human Body Model (100pf / 1500 Ohm)
6.0
kV
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
357
°C/W
General Description
This very high density process is tailored to minimize on-state
resistance at low gate drive conditions. This device is desig-
ned especially for application in battery circuits using either one
lithium or three cadmium or NMH cells. It can be used as an in-
verter
or
for
high-efficiency
miniature
discrete
DC/DC
conversion in compact portable electronic devices like cellular
phones and pagers. This device has excellent on-state
resistance even at gate drive voltages as low as 2.5 volts.
D
G
S
N-Channel 25 V (D-S) MOSFET
FDV303
Rev:2023A2
1
SOT–23
1. GATE
2. SOURCE
3. DRAIN
l VDS (V) = 25V
l I D= 2A
28m
(VGS = 4.5V)
42m
(VGS
l
RDS(ON)
l
RDS(ON)
= 2.7V)
l Very low level gate drive requirements allowing direct
operation in 3V circuits. V
GS(th) < 1V.
l Gate-Source Zener for ESD ruggedness.>6kV
Human Body Model
l Compact industry standard SOT-23 surface mount package.


Similar Part No. - FDV303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV303 FAIRCHILD-FDV303 Datasheet
65Kb / 4P
Digital FET, N-Channel
logo
Guangdong Youtai Semico...
FDV303 UMW-FDV303 Datasheet
387Kb / 5P
N-Channel 25 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDV303N FAIRCHILD-FDV303N Datasheet
65Kb / 4P
Digital FET, N-Channel
logo
Guangdong Kexin Industr...
FDV303N KEXIN-FDV303N Datasheet
1Mb / 4P
N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDV303N UMW-FDV303N Datasheet
387Kb / 5P
N-Channel 25 V (D-S) MOSFET
More results

Similar Description - FDV303

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1304DL VISHAY-SI1304DL Datasheet
88Kb / 5P
N-Channel 25-V (D-S) MOSFET
04-Oct-04
SIR850DP VISHAY-SIR850DP Datasheet
109Kb / 7P
N-Channel 25-V (D-S) MOSFET
22-Sep-08
SI4630DY VISHAY-SI4630DY Datasheet
239Kb / 10P
N-Channel 25-V (D-S) MOSFET
02-Feb-09
SI4778DY VISHAY-SI4778DY Datasheet
244Kb / 10P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SIR808DP VISHAY-SIR808DP Datasheet
480Kb / 13P
N-Channel 25 V (D-S) MOSFET
04-Apr-11
logo
Vishay Telefunken
SIE882DF TFUNK-SIE882DF Datasheet
207Kb / 10P
N-Channel 25-V (D-S) MOSFET
SIR438DP TFUNK-SIR438DP Datasheet
343Kb / 13P
N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI4668DY VISHAY-SI4668DY Datasheet
103Kb / 7P
N-Channel 25-V (D-S) MOSFET
09-Mar-09
SI7194DP VISHAY-SI7194DP Datasheet
316Kb / 13P
N-Channel 25-V (D-S) MOSFET
31-Mar-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com