Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETC-150S070ST Datasheet (PDF) - Inventronics Inc.

ETC-150S070ST Datasheet PDF - Inventronics Inc.
Part # ETC-150S070ST
Download  ETC-150S070ST Download
File Size   565.13 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Constant Current IP67 Driver

ETC-150S070ST Datasheet (PDF)

Go To PDF Page Download Datasheet
ETC-150S070ST Datasheet PDF - Inventronics Inc.

Part # ETC-150S070ST
Download  ETC-150S070ST Click to download

File Size   565.13 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Constant Current IP67 Driver

ETC-150S070ST Datasheet (HTML) - Inventronics Inc.


ETC-150S070ST Product details

Features
High Efficiency (Up to 91%)
Constant Current Output
0-10V Dimming Control
Input Surge Protection: 4kV line-line, 6kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location

Description
The ETC-150SxxxDT(ST) series is a 150W, constant-current LED driver that operates from 312 ~ 528 Vac input with excellent power factor. It is created for many lighting applications including high bay, tunnel and roadway. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - ETC-150S070ST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETC-1-1-10 MACOM-ETC-1-1-10 Datasheet
147Kb / 2P
E-Series RF 1:1 Transformer 1710 - 1910 MHz
ETC-1-1-10TR MACOM-ETC-1-1-10TR Datasheet
147Kb / 2P
E-Series RF 1:1 Transformer 1710 - 1910 MHz
More results


Similar Description - ETC-150S070ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-150SXXXDTASTA INVENTRONICS-EUV-150SXXXDTASTA Datasheet
533Kb / 11P
150W Constant Voltage IP67 Driver
Rev.C
EUV-150SXXXST INVENTRONICS-EUV-150SXXXST Datasheet
288Kb / 9P
150W Constant Voltage IP67 Driver
Rev. T
EUV-150SXXXSV INVENTRONICS-EUV-150SXXXSV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
EUC-150SXXXDDA INVENTRONICS-EUC-150SXXXDDA Datasheet
289Kb / 8P
150W Class II Constant Current IP67 Driver
Rev. D
EUC-150SXXXDT INVENTRONICS-EUC-150SXXXDT Datasheet
647Kb / 14P
150W Constant Current IP67 Driver
Rev. E
EUC-150SXXXDTA INVENTRONICS-EUC-150SXXXDTA Datasheet
652Kb / 11P
150W Constant Current IP67 Driver
Rev. D
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
150W Constant Current IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com