Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE5210 Datasheet (PDF) - NXP Semiconductors

NE5210 Datasheet PDF - NXP Semiconductors
Part # NE5210
Download  NE5210 Download
File Size   175.96 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Transimpedance amplifier 280MHz

NE5210 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE5210 Datasheet PDF - NXP Semiconductors

Part # NE5210
Download  NE5210 Click to download

File Size   175.96 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Transimpedance amplifier 280MHz

NE5210 Datasheet (HTML) - NXP Semiconductors


NE5210 Product details

DESCRIPTION
The NE5210 is a 7kΩ transimpedance wide band, low noise amplifier with differential outputs, particularly suitable for signal recovery in fiber-optic receivers. The part is ideally suited for many other RF applications as a general purpose gain block.

FEATURES
• Low noise: 3.5pA/√Hz
• Single 5V supply
• Large bandwidth: 280MHz
• Differential outputs
• Low input/output impedances
• High power supply rejection ratio
• High overload threshold current
• Wide dynamic range
• 7kΩ differential transresistance

APPLICATIONS
• Fiber-optic receivers, analog and digital
• Current-to-voltage converters
• Wideband gain block
• Medical and scientific instrumentation
• Sensor preamplifiers
• Single-ended to differential conversion
• Low noise RF amplifiers
• RF signal processing




Similar Part No. - NE5210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE521 PHILIPS-NE521 Datasheet
96Kb / 8P
High-speed dual-differential comparator/sense amp
2001 Aug 03
logo
ON Semiconductor
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
NEC
NE52118 NEC-NE52118 Datasheet
63Kb / 12P
L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE52118 NEC-NE52118 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
Renesas Technology Corp
NE52118 RENESAS-NE52118 Datasheet
203Kb / 14P
GaAs HETEROJUNCTION BIPOLAR TRANSISTOR
1999
More results


Similar Description - NE5210

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1.5
ATA01502D1C ANADIGICS-ATA01502D1C Datasheet
202Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01504D1C ANADIGICS-ATA01504D1C Datasheet
224Kb / 6P
AGC TRANSIMPEDANCE AMPLIFIER
REV 0
ATA30013 ANADIGICS-ATA30013 Datasheet
133Kb / 4P
TRANSIMPEDANCE AMPLIFIER
REV 1
ATA01502 ANADIGICS-ATA01502 Datasheet
245Kb / 8P
AGC Transimpedance Amplifier
Rev 2
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
AGC Transimpedance Amplifier
Rev 1
logo
SIRENZA MICRODEVICES
SFT-0100 SIRENZA-SFT-0100 Datasheet
162Kb / 4P
Transimpedance Amplifier
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
integrated transimpedance amplifier
logo
Analog Devices
HMC6590 AD-HMC6590 Datasheet
563Kb / 7P
Transimpedance Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com