Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE52118 Datasheet (PDF) - NEC

NE52118 Datasheet PDF - NEC
Part # NE52118
Download  NE52118 Download
File Size   63.89 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT

NE52118 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE52118 Datasheet PDF - NEC

Part # NE52118
Download  NE52118 Click to download

File Size   63.89 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT

NE52118 Datasheet (HTML) - NEC


NE52118 Product details

FEATURES
• HIGH POWER GAIN: GA = 15 dB TYP at f = 2 GHZ, VCE = 2 V, IC = 3 mA, ZS = ZL = 50 Ω
• LOW NOISE: NF = 1.0 dB TYP at f = 2 GHZ, VCE = 2 V, IC = 3 mA, ZS = ZL = 50 Ω
• OIP3 = 15 dBm TYP at f = 2 GHZ, VCE = 2 V, IC = 3 mA, ZS = ZL = 50 Ω
• 4 PIN SUPER MINI MOLD PACKAGE
• GROUNDED EMITTER TRANSISTOR




Similar Part No. - NE52118

ManufacturerPart #DatasheetDescription
logo
NEC
NE52118 NEC-NE52118 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
Renesas Technology Corp
NE52118 RENESAS-NE52118 Datasheet
203Kb / 14P
GaAs HETEROJUNCTION BIPOLAR TRANSISTOR
1999
logo
NEC
NE52118-T1 NEC-NE52118-T1 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
Renesas Technology Corp
NE52118-T1 RENESAS-NE52118-T1 Datasheet
203Kb / 14P
GaAs HETEROJUNCTION BIPOLAR TRANSISTOR
1999
logo
NEC
NE52118 NEC-NE52118_00 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
More results


Similar Description - NE52118

ManufacturerPart #DatasheetDescription
logo
NEC
NE76118 NEC-NE76118 Datasheet
51Kb / 8P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NE71300 NEC-NE71300 Datasheet
91Kb / 8P
LOW NOISE L TO K-BAND GaAs MESFET
logo
California Eastern Labs
NE52418 CEL-NE52418 Datasheet
196Kb / 6P
NECs L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
NEC
NE76038 NEC-NE76038 Datasheet
40Kb / 6P
LOW NOISE L TO Ku-BAND GaAs MESFET
logo
California Eastern Labs
NE34018 CEL-NE34018 Datasheet
200Kb / 10P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
logo
NEC
NE38018 NEC-NE38018_00 Datasheet
67Kb / 9P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
NE52118 NEC-NE52118_00 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
California Eastern Labs
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
NE38018 CEL-NE38018 Datasheet
68Kb / 9P
GaAs HJ-FET L TO S BAND LOW NOISE AMPLIFIER (New Plastic Package)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com