Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE76118 Datasheet (PDF) - NEC

NE76118 Datasheet PDF - NEC
Part # NE76118
Download  NE76118 Download
File Size   51.65 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET

NE76118 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE76118 Datasheet PDF - NEC

Part # NE76118
Download  NE76118 Click to download

File Size   51.65 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description L to S BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET

NE76118 Datasheet (HTML) - NEC


NE76118 Product details

DESCRIPTION
NE76118 is a n-channel GaAs MES FET housed in MOLD package.

FEATURES
• Low noise figure NF = 0.8 dB TYP. at f = 2 GHz
• High associated gain Ga = 13.5 dB TYP. at f = 2 GHz
• Gate width : Wg = 400 Pm
• 4 pins super mini mold
• Tape & reel packaging only available




Similar Part No. - NE76118

ManufacturerPart #DatasheetDescription
logo
NEC
NE76118 NEC-NE76118 Datasheet
32Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
California Eastern Labs
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
NE76118 RENESAS-NE76118 Datasheet
187Kb / 10P
GaAs MES FET
1996
logo
NEC
NE76118-T1 NEC-NE76118-T1 Datasheet
32Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
NE76118-T1 RENESAS-NE76118-T1 Datasheet
187Kb / 10P
GaAs MES FET
1996
More results


Similar Description - NE76118

ManufacturerPart #DatasheetDescription
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE713 NEC-NE713 Datasheet
92Kb / 16P
L to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
NES1821B-30 NEC-NES1821B-30 Datasheet
46Kb / 8P
30W L-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
NE76084 NEC-NE76084 Datasheet
62Kb / 12P
C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com